Electronic Components Datasheet Search
  English  ▼

X  

AS3691 Datasheet(PDF) 14 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 14 Page - ams AG

Back Button AS3691 Datasheet HTML 10Page - ams AG AS3691 Datasheet HTML 11Page - ams AG AS3691 Datasheet HTML 12Page - ams AG AS3691 Datasheet HTML 13Page - ams AG AS3691 Datasheet HTML 14Page - ams AG AS3691 Datasheet HTML 15Page - ams AG AS3691 Datasheet HTML 16Page - ams AG AS3691 Datasheet HTML 17Page - ams AG AS3691 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
AS3691
Datasheet
www.austriamicrosystems.com (ptr)
Revision 2.3
13 - 22
8.3 Automatic Supply Regulation
The purpose of the automatic supply regulation is to minimize the voltage supply to reduce the voltage across the
current sources of the AS3691 (CURR1-CURR4 to VSS) and therefore reduce the power dissipation of the
AS3691 and the complete system. The AS3691 automatically controls the minimum required supply voltage for
the different led strings to support very power efficient systems for lighting using the following circuit (any off-the-
shelf dcdc converter or ldo with adjustable output voltage can be used):
Figure
13 – Automatic Supply Regulation Circuit
The function of this circuit is as follows:
All channels, which are connected to the supply VDDx should have their respective UV pin connected together to
UVx (see above Figure and Section ‘Application Schematic’). If any of these current sources has a too low
voltage, it gradually pulls the wire UVx low. (The analog gain between the current source CURRx and output UVx
is defined by the parameter VC,GAIN.)
Therefore the feedback pin Vfb of the dcdc converter is pulled low and the dcdc converter compensates this by
increasing the voltage on VDDx to obtain the same feedback voltage as before.
To stabilize this regulation loop, the low pass filter build by C1 and R4 is used (this should be the dominant pole
for the regulation loop).
The minimum output voltage VDDxmin can be set accurately by the resistors R1 and R2. The maximum output
voltage VDDxmax is set by R1, R2, R3 and R4 (Vref is the internal voltage reference of the DCDC converter;
usually Vref = Vfb):
Therefore even if a led string is broken (then UVx is forced to 0V) or some leds are shorted, the supply always
stays within the limits VDDxMIN and VDDxMAX.
2
2
1
R
R
R
Vref
VDDx
MIN
+
=
)
(
)
(
4
3
2
4
3
2
1
R
R
R
R
R
R
R
Vref
VDDx
MAX
+
+
+
=
UVx
VDDx
Voltage Feedback
input for DCDC
DCDC Converter
for VDD
From main
supply
Feedback resistor divider
(part of DCDC converter circuit)
R1
R2
R3
R4
C1
CURR1
CURR2
UV1
Vc
UV2
Vc
AS3691
Vfb
Csup
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com