Electronic Components Datasheet Search
  English  ▼

X  

AS3691 Datasheet(PDF) 17 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 17 Page - ams AG

Back Button AS3691 Datasheet HTML 13Page - ams AG AS3691 Datasheet HTML 14Page - ams AG AS3691 Datasheet HTML 15Page - ams AG AS3691 Datasheet HTML 16Page - ams AG AS3691 Datasheet HTML 17Page - ams AG AS3691 Datasheet HTML 18Page - ams AG AS3691 Datasheet HTML 19Page - ams AG AS3691 Datasheet HTML 20Page - ams AG AS3691 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AS3691
Datasheet
www.austriamicrosystems.com (ptr)
Revision 2.3
16 - 22
Then calculate the maximum power dissipation inside the AS3691. The worst case is maximum voltage supply
(13V + 10%) together with LEDs with minimum forward voltage Ufmin :
For these conditions the maximum voltage on any current source (CURR1 to CURR4) is
In our example 14.3V – 9.6V = 4.7V. The maximum power dissipation inside the AS3691 is now (assuming 4
identical strings)
In our example 1.88W. As
the system can be operated safely up to an ambient temperature of 55
°C assuming worst case power supplies
and worst case leds. Please note: If the internal junction temperature of the AS3691 rises too high, the AS3691
will switch off the current sources for protection (it will never damage the AS3691).
9.1.1 Using Automatic Supply Regulation
For the identical system using the automatic supply regulation, the supply is regulated to minimize the power
dissipation of the system. Therefore the tolerance of the VDD supply and also the variation in forward voltages of
the LEDs can be ignored (only the difference in one lot of leds is still important, as the four strings are connected
in parallel to the power supply). Assume a difference of
ΔUf = 0.2V of forward voltage of the leds in one lot, then
calculate the maximum voltage on the current source of the AS3691 (CURR1 to CURR4) with
to be 1.6V. Using the identical formulas as above, PMAX now is 0.64W and TMAX is 110
°C.
Therefore using automatic supply regulation, the ambient temperature can be up to 110
°C under identical
conditions.
9.2 Layout Recommendations
See austriamicrosystems ‘AN3691_TECH_Module Description’ as a layout example for the AS3691.
Layout Checklist
1.
Use the bottom layer as ground plane and minimize the number and the length of connections within
this layer
2.
Do as many vias as possible on the exposed pad (for thermal performance) to the ground plane
3.
Connect RFBx and RESx together at the current set resistor Rix (see above recommended layout)
4.
The ground connections of the current set resistors should be as close to the AS3691 as possible
5.
The ground connection of the capacitor Cvdd should be as close as possible to the AS3691
6.
Minimize Area build by ‘Csup VSS connection – Csup Supply Connection – LEDs – CURRx – Csup
VSS connection’ (to minimize inductance in this path)
(
)
min
1
f
TOL
MAX
U
n
VDD
VDD
VCURR
−
+
=
ICURR
VCURR
P
MAX
MAX
4
=
C
P
P
PT
T
DERATE
MAX
MAX
o
50
+
−
=
For PT and PDERATE see Absolute
Maximum Ratings
C
f
MAX
V
U
n
VCURR
+
Δ
=
Using automatic supply regulation
ΔUf variation of LED forward voltage
in one lot (for one application)
VC is internal set voltage (1.0V)
Not using automatic supply regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com