Electronic Components Datasheet Search
  English  ▼

X  

AS3691 Datasheet(PDF) 15 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 15 Page - ams AG

Back Button AS3691 Datasheet HTML 11Page - ams AG AS3691 Datasheet HTML 12Page - ams AG AS3691 Datasheet HTML 13Page - ams AG AS3691 Datasheet HTML 14Page - ams AG AS3691 Datasheet HTML 15Page - ams AG AS3691 Datasheet HTML 16Page - ams AG AS3691 Datasheet HTML 17Page - ams AG AS3691 Datasheet HTML 18Page - ams AG AS3691 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
AS3691
Datasheet
www.austriamicrosystems.com (ptr)
Revision 2.3
14 - 22
9
Application Information
Typical Application Schematic
For RGB leds (and a white color balancing circuit) use the following application schematic including automatic
supply regulation (feedback paths UVR, UVG, UVB):
Figure
14 – Typical AS3691 System for RGB (back-)lighting; several AS3691 can be cascaded
VSS
VDDR
UVR
UVB
UVG
PWMR
PWMB
PWMG
VDDB
VDDG
Overtemp
AS3691
D1
Vc
Vc
Vc
Vc
Overtemp
AS3691
D1
Vc
Vc
Vc
Vc
UVR
VDDR
Voltage Feedback
input for DCDC
DCDC Converter
for VDDR
Main
supply
Feedback resistor divider
(part of DCDC converter circuit)
...
UVG
VDDG
Voltage Feedback
input for DCDC
DCDC Converter
for VDDG
Feedback resistor divider
(part of DCDC converter circuit)
UVB
VDDB
Voltage Feedback
input for DCDC
DCDC Converter
for VDDB
Feedback resistor divider
(part of DCDC converter circuit)
5V powered
system
(optional)
PWMR
PWMB
PWMG
...
...
5V Supply
Overtemp
AS3691
D1
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com