Electronic Components Datasheet Search
  English  ▼

X  

PCI2060 Datasheet(PDF) 49 Page - Texas Instruments

Part # PCI2060
Description  PCI2060 Asynchronous PCI-to-PCI
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2060 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCI2060 Datasheet HTML 45Page - Texas Instruments PCI2060 Datasheet HTML 46Page - Texas Instruments PCI2060 Datasheet HTML 47Page - Texas Instruments PCI2060 Datasheet HTML 48Page - Texas Instruments PCI2060 Datasheet HTML 49Page - Texas Instruments PCI2060 Datasheet HTML 50Page - Texas Instruments PCI2060 Datasheet HTML 51Page - Texas Instruments PCI2060 Datasheet HTML 52Page - Texas Instruments PCI2060 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
Configuration Header Space
41
April 2005
SCPS096A
4.11 Header Type Register (0Eh)
The header type register is read-only and returns 01h when read, indicating that the PCI2060 configuration
space adheres to the PCI-to-PCI bridge configuration. Only the layout for bytes 10h–3Fh of the configuration
space is considered.
Bit Number
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
1
4.12 BIST Register (0Fh)
The PCI2060 bridge does not support built-in self-test (BIST). The BIST register is read-only and returns the
value 00h when read.
Bit Number
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
4.13 Primary Bus Number Register (18h)
The primary bus number register indicates the primary bus number to which the PCI2060 bridge is connected.
The bridge uses this register, in conjunction with the secondary bus number and subordinate bus number
registers, to decode type 1 configuration transactions on the secondary interface that must be either converted
to special cycle transactions on the primary interface or passed upstream unaltered.
Bit Number
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
4.14 Secondary Bus Number Register (19h)
This read/write register specifies the bus number of the PCI bus segment that the secondary interface is
connected to. The PCI2060 bridge uses this register to determine when to respond to and forward type 1
configuration transactions on the primary interface, and to determine when to convert them to type 0 or special
cycle transactions on the secondary interface.
Bit Number
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
4.15 Subordinate Bus Number Register (1Ah)
This read/write register specifies the bus number of the highest number PCI bus segment that is subordinate
to the PCI2060 bridge. In conjunction with the secondary bus number register, the PCI2060 bridge uses this
register to determine when to respond to type 1 configuration transactions on the primary interface and pass
them to the secondary interface as a type 1 configuration transaction.
Bit Number
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
4.16 Secondary Latency Timer Register (1Bh)
This read/write register defines the minimum period of time (in PCI clock cycles since S_FRAME is asserted)
that the PCI2060 bridge may continue a burst transaction even if it is preempted (the PCI2060 secondary bus
grant is deasserted). When this register is set to 00h, the PCI2060 bridge relinquishes the bus after the first
data transfer when its secondary bus grant is deasserted.
Bit Number
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com