Electronic Components Datasheet Search
  English  ▼

X  

PCI2060 Datasheet(PDF) 71 Page - Texas Instruments

Part # PCI2060
Description  PCI2060 Asynchronous PCI-to-PCI
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2060 Datasheet(HTML) 71 Page - Texas Instruments

Back Button PCI2060 Datasheet HTML 67Page - Texas Instruments PCI2060 Datasheet HTML 68Page - Texas Instruments PCI2060 Datasheet HTML 69Page - Texas Instruments PCI2060 Datasheet HTML 70Page - Texas Instruments PCI2060 Datasheet HTML 71Page - Texas Instruments PCI2060 Datasheet HTML 72Page - Texas Instruments PCI2060 Datasheet HTML 73Page - Texas Instruments PCI2060 Datasheet HTML 74Page - Texas Instruments PCI2060 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
Electrical Characteristics
63
April 2005
SCPS096A
6.5
66-MHz PCI Signal Timing
NOTE: Vtest = 1.5 V for 5-V signals; 0.4 VCC for 3.3-V signals
Valid
Valid
Vtest
tv
t(inval)
ton
toff
th
tsu
CLK
Output
Input
Figure 6−2. PCI Signal Timing Measurement Conditions
PARAMETER
MIN
MAX
UNIT
tv(bus)
CLK to signal valid delay—bused signals (see Notes 4, 5, and 6)
2
6
ns
tv(ptp)
CLK to signal valid delay—point-to-point (see Notes 4, 5, and 6)
2
6
ns
ton
Float to active delay (see Notes 4, 5, and 6)
2
ns
toff
Active to float delay (see Notes 4, 5, and 6)
14
ns
tsu(bus)
Input setup time to CLK—bused signal (see Notes 4, 5, and 6)
3
ns
tsu(ptp)
Input setup time to CLK—point-to-point (see Notes 4, 5, and 6)
5
ns
th
Input signal hold time from CLK (see Notes 4 and 5)
0
ns
NOTES:
4. See Figure 6−2
5. All primary interface signals are synchronized to P_CLK and all secondary interface signals are synchronized to S_CLK.
6. Bused signals are as follows:
P_AD, P_C/BE, P_PAR, P_PERR, P_SERR, P_FRAME, P_IRDY, P_TRDY, P_LOCK, P_DEVSEL, P_STOP, P_IDSEL, S_AD,
S_C/BE, S_PAR, S_PERR, S_SERR, S_FRAME, S_IRDY, S_TRDY, S_LOCK, S_DEVSEL, S_STOP
Point-to-point signals are as follows:
P_REQ, S_REQx, P_GNT, S_GNTx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com