Electronic Components Datasheet Search
  English  ▼

X  

PCI2060 Datasheet(PDF) 30 Page - Texas Instruments

Part # PCI2060
Description  PCI2060 Asynchronous PCI-to-PCI
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2060 Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCI2060 Datasheet HTML 26Page - Texas Instruments PCI2060 Datasheet HTML 27Page - Texas Instruments PCI2060 Datasheet HTML 28Page - Texas Instruments PCI2060 Datasheet HTML 29Page - Texas Instruments PCI2060 Datasheet HTML 30Page - Texas Instruments PCI2060 Datasheet HTML 31Page - Texas Instruments PCI2060 Datasheet HTML 32Page - Texas Instruments PCI2060 Datasheet HTML 33Page - Texas Instruments PCI2060 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
Principles of Operation
22
April 2005
SCPS096A
Table 3−8. Read Connect Threshold Level
Ratio (Pri:Sec)
PCTL (DW)
SCTL (DW)
> 2:1
8
1
2:1 thru 1:2
1
1
<1:2
1
8
The PCI2060 bridge uses these threshold levels to know when to provide data to a master. For example, a
master initiates a memory-read burst transaction that targets a device on the opposite side of the PCI2060
bridge. The PCI2060 bridge immediately retries this transaction until the PCI2060 bridge has one complete
connect threshold level in its FIFO. Once the level has been reached, the PCI2060 bridge provides the data
to the master.
3.5.3 Nonprefetchable Read Transactions
A nonprefetchable read transaction is a read transaction during which the PCI2060 bridge requests only one
doubleword from the target and disconnects the initiator after delivery of the first doubleword of the read data.
Nonprefetchable behavior is used for I/O and configuration read transactions, as well as for memory read
transactions that fall into nonprefetchable memory address space.
3.5.4 Delayed Read Transaction
All read transactions are delayed read transactions.
A delayed read transaction assures that the actual target response is returned back to the initiator without
holding the initiating bus in a wait state. The PCI2060 bridge is capable of supporting up to three delayed
transactions in each direction at any given time.
A delayed read transaction consists of three phases:
1.
An initiator issues the read request. The PCI2060 bridge claims the access by asserting the DEVSEL and
returns a target retry to the initiator.
2.
The PCI2060 bridge initiates the read request on the target bus. If a target retry is received in response
to the read transaction on the target bus, then the bridge continues to repeat the write transaction until
the data transfer is completed, or until an error condition is encountered. If the PCI2060 bridge is unable
to read the data from the target after 224 attempts, then the PCI2060 bridge stops further read attempts,
returns a target abort to the initiator, and conditionally sets the SERR signal. If the read transaction is
terminated via normal master termination or a target disconnect after at least one data transfer has been
completed, then the PCI2060 bridge does not initiate any further attempts to read more data.
3.
The initiator repeats the same read request, the PCI2060 bridge claims the access by asserting DEVSEL,
and returns TRDY and read data to the initiator. The PCI2060 bridge returns a target disconnect along
with the transfer of the last doubleword of read data to the initiator. If the initiator terminates the transaction
before all read data has been transferred, then the remaining read data left in the bridge data buffers is
discarded.
3.5.5 Discard Timer
A discard timer starts counting when the delayed read completion is at the head of the delayed transaction
queue. The initial value of this timer can be set to one of two values: 210 or 215 PCI clocks. The value of this
timer is selectable through bits 8 and 9 (PRI_DIS and SEC_DT) in the bridge control register (offset 3Eh). If
the initiator does not repeat the read request before the discard timer expires, then the PCI2060 bridge
discards the read data and the read transaction from its buffer and conditionally sets the SERR signal.
3.6
Transaction Termination
Either the master or the target may initiate the termination of a PCI transaction. An idle state is achieved when
the FRAME and IRDY signals are deasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com