| Electronic Components Datasheet Search |
|
PCI2060 Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI2060 Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 76 page ![]() Introduction 8 April 2005 SCPS096A Table 2−4. PCI Primary Bus Address and Data Terminals TERMINAL NAME GHK NUMBER I/O DESCRIPTION P_AD31 P_AD30 P_AD29 P_AD28 P_AD27 P_AD26 P_AD25 P_AD24 P_AD23 P_AD22 P_AD21 P_AD20 P_AD19 P_AD18 P_AD17 P_AD16 P_AD15 P_AD14 P_AD13 P_AD12 P_AD11 P_AD10 P_AD9 P_AD8 P_AD7 P_AD6 P_AD5 P_AD4 P_AD3 P_AD2 P_AD1 P_AD0 R3 T1 R6 W5 U6 R7 W6 U7 U8 V8 W9 V9 R9 P9 V10 U10 W14 R13 U14 P14 V15 U15 R17 N14 P17 P18 P19 M14 N18 N19 M17 M18 I/O Primary address/data bus. These signals make up the multiplexed PCI address and data bus on the primary interface. During the address phase of a primary bus PCI cycle, P_AD31 through P_AD0 contain a 32-bit address or other destination information. During the data phase, P_AD31 through P_AD0 contain data. P_C/BE3 P_C/BE2 P_C/BE1 P_C/BE0 V7 P10 P13 R18 I/O Primary bus commands and byte enables. These signals are multiplexed on the same PCI terminals. During the address phase of a primary bus PCI cycle, P_C/BE3 through P_C/BE0 define the bus command. During the data phase, this 4-bit bus is used as a byte enable. The byte enable determines which byte paths of the full 32-bit data bus carry meaningful data. P_C/BE0 applies to byte 0 (P_AD7 through P_AD0), P_C/BE1 applies to byte 1 (P_AD15 through P_AD8), P_C/BE2 applies to byte 2 (P_AD23 through P_AD16), and P_C/BE3 applies to byte 3 (P_AD31 through P_AD24). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |