Electronic Components Datasheet Search
  English  ▼

X  

PCI2060 Datasheet(PDF) 33 Page - Texas Instruments

Part # PCI2060
Description  PCI2060 Asynchronous PCI-to-PCI
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2060 Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCI2060 Datasheet HTML 29Page - Texas Instruments PCI2060 Datasheet HTML 30Page - Texas Instruments PCI2060 Datasheet HTML 31Page - Texas Instruments PCI2060 Datasheet HTML 32Page - Texas Instruments PCI2060 Datasheet HTML 33Page - Texas Instruments PCI2060 Datasheet HTML 34Page - Texas Instruments PCI2060 Datasheet HTML 35Page - Texas Instruments PCI2060 Datasheet HTML 36Page - Texas Instruments PCI2060 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
Principles of Operation
25
April 2005
SCPS096A
3.8.1 Address Parity Error
The PCI2060 bridge checks address parity for all transactions on both buses, for all addresses and all bus
commands.
When the PCI2060 bridge detects an address parity error on the primary bus, the following events occur:
•
If bit 6 (PERR_ENB) in the primary command register (offset 04h) is set to 1b, then the PCI2060 bridge
does not claim the transaction with P_DEVSEL; this allows the transaction to terminate in a master abort.
•
If bit 6 (PERR_ENB) is not set, then the PCI2060 bridge proceeds normally and accepts the transaction
if it is directed to or across the PCI2060 bridge.
•
The PCI2060 bridge sets bit 15 (PAR_ERR) in the primary status register (offset 06h).
•
The PCI2060 bridge asserts P_SERR and sets bit 14 (SYS_P_SERR) in the primary status register (offset
06h), if both of the following conditions are met:
−
Bit 8 (SERR_ENB) is set in the primary command register (offset 04h).
−
Bit 6 (PERR_ENB) is set in the primary command register (offset 04h).
When the PCI2060 bridge detects an address parity error on the secondary bus, the following events occur:
•
If bit 0 (PERR_EN) in the bridge control register (offset 3Eh) is set to 1b, then the PCI2060 bridge does
not claim the transaction with S_DEVSEL; this allows the transaction to terminate in a master abort.
•
If the PERR_EN bit is not set, then the PCI2060 bridge proceeds normally and accepts the transaction
if it is directed to or across the PCI2060 bridge.
•
The PCI2060 bridge sets bit 15 (PAR_ERR) in the secondary status register (offset 1Eh).
•
The PCI2060 bridge asserts P_SERR and sets bit 14 (SYS_P_SERR) in the primary status register (offset
06h), if the following conditions are met:
−
Bit 8 (SERR_ENB) is set in the primary command register (offset 04h).
−
Bit 0 (PERR_EN) is set in the bridge-control register (offset 3Eh).
3.8.2 Data Parity Error
If bit 6 (PERR_ENB) in the primary command register (offset 04h) is set, then the PCI2060 bridge signals
PERR when it receives bad data. When the bridge detects bad parity, bit 15 (PAR_ERR) in the primary status
register (offset 06h) is set.
If the PCI2060 bridge is configured to respond to parity errors via the PERR_ENB bit in the primary command
register (offset 04h), then bit 8 (DATAPAR) in the primary status register (offset 06h) is set when the bridge
detects bad parity. The DATAPAR bit is also set when the bridge, as a bus master, asserts PERR or detects
PERR.
3.9
System Error Handling
The PCI2060 bridge can be configured to signal a system error (SERR) on the primary bus for a variety of
conditions. The P_SERR event disable register (offset 64h) and the P_SERR status register (offset 6Ah)
provide control and status bits for each condition for which the bridge can signal P_SERR.
By default, the PCI2060 bridge does not signal P_SERR. If bit 8 (SERR_ENB) in the primary command register
(offset 04h) is set, then the bridge signals SERR if any of the error conditions in the P_SERR event disable
register occur and that condition is enabled. By default, all error conditions are enabled in the P_SERR event
disable register. When the bridge signals SERR on the primary bus, bit 14 (SYS_P_SERR) in the primary
status register (offset 06h) is also set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com