Electronic Components Datasheet Search
  English  ▼

X  

AT89 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89 Datasheet HTML 14Page - ATMEL Corporation AT89 Datasheet HTML 15Page - ATMEL Corporation AT89 Datasheet HTML 16Page - ATMEL Corporation AT89 Datasheet HTML 17Page - ATMEL Corporation AT89 Datasheet HTML 18Page - ATMEL Corporation AT89 Datasheet HTML 19Page - ATMEL Corporation AT89 Datasheet HTML 20Page - ATMEL Corporation AT89 Datasheet HTML 21Page - ATMEL Corporation AT89 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
18
AT89S8252
0401F–MICRO–11/03
UART
The UART in the AT89S8252 operates the same way as the UART in the AT89C51 and
AT89C52. For further information on the UART operation, refer to the Atmel web site
(http://www.atmel.com). From the home page, select “Products”, then “Microcontrollers,
then “8051-Architecture”. Click on “Documentation”, then on “Other Documents”. Open
the document “AT89 Series Hardware Description”.
Serial Peripheral
Interface
The serial peripheral interface (SPI) allows high-speed synchronous data transfer
between the AT89S8252 and peripheral devices or between several AT89S8252
devices. The AT89S8252 SPI features include the following:
•
Full-Duplex, 3-Wire Synchronous Data Transfer
•
Master or Slave Operation
•
1.5 MHz Bit Frequency (max.)
•
LSB First or MSB First Data Transfer
•
Four Programmable Bit Rates
•
End of Transmission Interrupt Flag
•
Write Collision Flag Protection
•
Wakeup from Idle Mode (Slave Mode Only)
The interconnection between master and slave CPUs with SPI is shown in the following
figure. The SCK pin is the clock output in the master mode but is the clock input in the
slave mode. Writing to the SPI data register of the master CPU starts the SPI clock gen-
erator, and the data written shifts out of the MOSI pin and into the MOSI pin of the slave
CPU. After shifting one byte, the SPI clock generator stops, setting the end of transmis-
sion flag (SPIF). If both the SPI interrupt enable bit (SPIE) and the serial port interrupt
enable bit (ES) are set, an interrupt is requested.
The Slave Select input, SS/P1.4, is set low to select an individual SPI device as a slave.
When SS/P1.4 is set high, the SPI port is deactivated and the MOSI/P1.5 pin can be
used as an input.
There are four combinations of SCK phase and polarity with respect to serial data,
which are determined by control bits CPHA and CPOL. The SPI data transfer formats
are shown in Figure 8 and Figure 9.
Figure 7. SPI Master-slave Interconnection
8-BIT SHIFT REGISTER
MASTER
CLOCK GENERATOR
SPI
MISO
8-BIT SHIFT REGISTER
SLAVE
MISO
MOSI MOSI
SCK
SCK
SS
SS
V
CC
MSB
LSB
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com