Electronic Components Datasheet Search
  English  ▼

X  

AT89 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT89 Datasheet HTML 33Page - ATMEL Corporation AT89 Datasheet HTML 34Page - ATMEL Corporation AT89 Datasheet HTML 35Page - ATMEL Corporation AT89 Datasheet HTML 36Page - ATMEL Corporation AT89 Datasheet HTML 37Page - ATMEL Corporation AT89 Datasheet HTML 38Page - ATMEL Corporation AT89 Datasheet HTML 39Page - ATMEL Corporation AT89 Datasheet HTML 40Page - ATMEL Corporation AT89 Datasheet HTML 41Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
37
AT89S8252
0401F–MICRO–11/03
Ordering Information
Speed
(MHz)
Power
Supply
Ordering Code
Package
Operation Range
24
4.0V to 6.0V
AT89S8252-24AC
AT89S8252-24JC
AT89S8252-24PC
44A
44J
40P6
Commercial
(0
° C to 70° C)
4.0V to 6.0V
AT89S8252-24AI
AT89S8252-24JI
AT89S8252-24PI
44A
44J
40P6
Industrial
(-40
° C to 85° C)
Package Type
44A
44-lead, Thin Plastic Gull Wing Quad Flatpack (TQFP)
44J
44-lead, Plastic J-leaded Chip Carrier (PLCC)
40P6
40-lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com