Electronic Components Datasheet Search
  English  ▼

X  

AT89 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT89 Datasheet HTML 31Page - ATMEL Corporation AT89 Datasheet HTML 32Page - ATMEL Corporation AT89 Datasheet HTML 33Page - ATMEL Corporation AT89 Datasheet HTML 34Page - ATMEL Corporation AT89 Datasheet HTML 35Page - ATMEL Corporation AT89 Datasheet HTML 36Page - ATMEL Corporation AT89 Datasheet HTML 37Page - ATMEL Corporation AT89 Datasheet HTML 38Page - ATMEL Corporation AT89 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
35
AT89S8252
0401F–MICRO–11/03
Shift Register Mode Timing Waveforms
AC Testing Input/Output Waveforms
(1)
Note:
1. AC Inputs during testing are driven at V
CC - 0.5V
for a logic 1 and 0.45V for a logic 0. Timing measurements are made at V
IH min. for a logic 1 and VIL max. for a logic 0.
Float Waveforms
(1)
Note:
1. For timing purposes, a port pin is no longer floating when a 100 mV change from load voltage occurs. A port pin begins to
float when a 100 mV change from the loaded V
OH/VOL level occurs.
Serial Port Timing: Shift Register Mode Test Conditions
The values in this table are valid for VCC = 4.0V to 6V and Load Capacitance = 80 pF.
Symbol
Parameter
Variable Oscillator
Units
Min
Max
t
XLXL
Serial Port Clock Cycle Time
12t
CLCL
µs
t
QVXH
Output Data Setup to Clock Rising Edge
10t
CLCL - 133
ns
t
XHQX
Output Data Hold after Clock Rising Edge
2t
CLCL - 117
ns
t
XHDX
Input Data Hold after Clock Rising Edge
0
ns
t
XHDV
Clock Rising Edge to Input Data Valid
10t
CLCL - 133
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com