Electronic Components Datasheet Search
  English  ▼

X  

AT89 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT89 Datasheet HTML 22Page - ATMEL Corporation AT89 Datasheet HTML 23Page - ATMEL Corporation AT89 Datasheet HTML 24Page - ATMEL Corporation AT89 Datasheet HTML 25Page - ATMEL Corporation AT89 Datasheet HTML 26Page - ATMEL Corporation AT89 Datasheet HTML 27Page - ATMEL Corporation AT89 Datasheet HTML 28Page - ATMEL Corporation AT89 Datasheet HTML 29Page - ATMEL Corporation AT89 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
26
AT89S8252
0401F–MICRO–11/03
Serial Programming
Instruction
The Instruction Set for Serial Programming follows a 3-byte protocol and is shown in the
following table:
Notes:
1. DATA polling is used to indicate the end of a byte write cycle which typically takes less than 2.5 ms at 5V.
2. “aaaaa” = high order address.
3. “x” = don’t care.
Instruction Set
Instruction
Input Format
Operation
Byte 1
Byte 2
Byte 3
Programming Enable
1010 1100
0101 0011
xxxx xxxx
Enable serial programming interface after RST goes high.
Chip Erase
1010 1100
xxxx x100
xxxx xxxx
Chip erase both 8K & 2K memory arrays.
Read Code Memory
aaaa a001
low addr
xxxx xxxx
Read data from Code memory array at the selected address.
The 5 MSBs of the first byte are the high order address bits.
The low order address bits are in the second byte. Data are
available at pin MISO during the third byte.
Write Code Memory
aaaa a010
low addr
data in
Write data to Code memory location at selected address. The
address bits are the 5 MSBs of the first byte together with the
second byte.
Read Data Memory
00aa a101
low addr
xxxx xxxx
Read data from Data memory array at selected address. Data
are available at pin MISO during the third byte.
Write Data Memory
00aa a110
low addr
data in
Write data to Data memory location at selected address.
Write Lock Bits
1010 1100
x x111
xxxx xxxx
Write lock bits.
Set LB1, LB2 or LB3 = “0” to program lock bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com