Electronic Components Datasheet Search
  English  ▼

X  

AT89 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT89 Datasheet HTML 25Page - ATMEL Corporation AT89 Datasheet HTML 26Page - ATMEL Corporation AT89 Datasheet HTML 27Page - ATMEL Corporation AT89 Datasheet HTML 28Page - ATMEL Corporation AT89 Datasheet HTML 29Page - ATMEL Corporation AT89 Datasheet HTML 30Page - ATMEL Corporation AT89 Datasheet HTML 31Page - ATMEL Corporation AT89 Datasheet HTML 32Page - ATMEL Corporation AT89 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
29
AT89S8252
0401F–MICRO–11/03
Flash/EEPROM Programming and Verification Waveforms – Parallel Mode
Flash Programming and Verification Characteristics – Parallel Mode
T
A = 0°C to 70°C, VCC = 5.0V ± 10%
Symbol
Parameter
Min
Max
Units
V
PP
Programming Enable Voltage
11.5
12.5
V
IPP
Programming Enable Current
1.0
mA
1/t
CLCL
Oscillator Frequency
3
24
MHz
t
AVGL
Address Setup to PROG Low
48t
CLCL
tGHAX
Address Hold after PROG
48tCLCL
t
DVGL
Data Setup to PROG Low
48t
CLCL
t
GHDX
Data Hold after PROG
48t
CLCL
tEHSH
P2.7 (ENABLE) High to VPP
48tCLCL
t
SHGL
V
PP Setup to PROG Low
10
µs
t
GLGH
PROG Width
1
110
µs
tAVQV
Address to Data Valid
48tCLCL
t
ELQV
ENABLE Low to Data Valid
48t
CLCL
t
EHQZ
Data Float after ENABLE
048t
CLCL
tGHBL
PROG High to BUSY Low
1.0
µs
t
WC
Byte Write Cycle Time
2.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com