Electronic Components Datasheet Search
  English  ▼

X  

ATF2500C Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATF2500C
Description  ATF2500C CPLD Family Datasheet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF2500C Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATF2500C Datasheet HTML 5Page - ATMEL Corporation ATF2500C Datasheet HTML 6Page - ATMEL Corporation ATF2500C Datasheet HTML 7Page - ATMEL Corporation ATF2500C Datasheet HTML 8Page - ATMEL Corporation ATF2500C Datasheet HTML 9Page - ATMEL Corporation ATF2500C Datasheet HTML 10Page - ATMEL Corporation ATF2500C Datasheet HTML 11Page - ATMEL Corporation ATF2500C Datasheet HTML 12Page - ATMEL Corporation ATF2500C Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
ATF2500C Family
0777I–PLD–4/03
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Absolute Maximum Ratings*
Temperature Under Bias .................................. -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1. Minimum voltage is -0.6V DC which may under-
shoot to -2.0V for pulses of less than 20 ns.
Maximum output pin voltage is V
CC + 0.75V DC
which may overshoot to +7.0V for pulses of less
than 20 ns.
Storage Temperature ..................................... -65°C to +150°C
Junction Temperature ............................................. 150°C Max
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V
(1)
Voltage on Input Pins
with Respect to Ground
During Programming.....................................-2.0V to +14.0V
(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V
(1)
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature
0°C - 70°C
(Ambient)
-40°C - 85°C
(Ambient)
V
CC Power Supply
5V ± 5%
5V ± 10%
Pin Capacitance
f = 1 MHz, T = 25°C
(1)
Typ
Max
Units
Conditions
CIN
46
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Test Waveforms and Measurement Levels Output Test Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com