Electronic Components Datasheet Search
  English  ▼

X  

ATF2500C Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATF2500C
Description  ATF2500C CPLD Family Datasheet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF2500C Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATF2500C Datasheet HTML 12Page - ATMEL Corporation ATF2500C Datasheet HTML 13Page - ATMEL Corporation ATF2500C Datasheet HTML 14Page - ATMEL Corporation ATF2500C Datasheet HTML 15Page - ATMEL Corporation ATF2500C Datasheet HTML 16Page - ATMEL Corporation ATF2500C Datasheet HTML 17Page - ATMEL Corporation ATF2500C Datasheet HTML 18Page - ATMEL Corporation ATF2500C Datasheet HTML 19Page - ATMEL Corporation ATF2500C Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
ATF2500C
0777I–PLD–4/03
Ordering Information
tPD
(ns)
tCOS
(ns)
Ext. fMAXS
(MHz)
Ordering Code
Package
Operation Range
15
10
52
ATF2500C-15JC
44J
Commercial
(0
°C to 70°C)
ATF2500C-15JI
44J
Industrial
(-40
°C to 85°C)
20
11
40
ATF2500C-20JC
ATF2500C-20PC
44J
40P6
Commercial
(0
°C to 70°C)
ATF2500C-20JI
ATF2500C-20PI
44J
40P6
Industrial
(-40
°C to 85°C)
Package Type
40P6
40-pin, 0.600" Wide, Plastic, Dual Inline Package (PDIP)
44J
44-lead, Plastic J-leaded Chip Carrier (PLCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com