Electronic Components Datasheet Search
  English  ▼

X  

ATF2500C Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF2500C
Description  ATF2500C CPLD Family Datasheet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF2500C Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF2500C Datasheet HTML 2Page - ATMEL Corporation ATF2500C Datasheet HTML 3Page - ATMEL Corporation ATF2500C Datasheet HTML 4Page - ATMEL Corporation ATF2500C Datasheet HTML 5Page - ATMEL Corporation ATF2500C Datasheet HTML 6Page - ATMEL Corporation ATF2500C Datasheet HTML 7Page - ATMEL Corporation ATF2500C Datasheet HTML 8Page - ATMEL Corporation ATF2500C Datasheet HTML 9Page - ATMEL Corporation ATF2500C Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
ATF2500C Family
0777I–PLD–4/03
I/O Diagram
Functional
Logic Diagram
Description
The ATF2500C functional logic diagram describes the interconnections between the input,
feedback pins and logic cells. All interconnections are routed through the single global bus.
The ATF2500Cs are straightforward and uniform PLDs. The 24 macrocells are numbered 0
through 23. Each macrocell contains 17 AND gates. All AND gates have 172 inputs. The five
lower product terms provide AR1, CK1, CK2, AR2, and OE. These are: one asynchronous
reset and clock per flip-flop, and an output enable. The top 12 product terms are grouped into
three sum terms, which are used as shown in the macrocell diagrams.
Eight synchronous preset terms are distributed in a 2/4 pattern. The first four macrocells share
Preset 0, the next two share Preset 1, and so on, ending with the last two macrocells sharing
Preset 7.
The 14 dedicated inputs and their complements use the numbered positions in the global bus
as shown. Each macrocell provides six inputs to the global bus: (left to right) feedback F2
(1)
true and false, flip-flop Q1 true and false, and the pin true and false. The positions occupied by
these signals in the global bus are the six numbers in the bus diagram next to each macrocell.
Note:
1. Either the flip-flop input (D/T2) or output (Q2) may be fed back in the ATF2500Cs.
INPUT
PROGRAMMABLE
OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com