Electronic Components Datasheet Search
  English  ▼

X  

ATF2500C Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF2500C
Description  ATF2500C CPLD Family Datasheet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF2500C Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF2500C Datasheet HTML 1Page - ATMEL Corporation ATF2500C Datasheet HTML 2Page - ATMEL Corporation ATF2500C Datasheet HTML 3Page - ATMEL Corporation ATF2500C Datasheet HTML 4Page - ATMEL Corporation ATF2500C Datasheet HTML 5Page - ATMEL Corporation ATF2500C Datasheet HTML 6Page - ATMEL Corporation ATF2500C Datasheet HTML 7Page - ATMEL Corporation ATF2500C Datasheet HTML 8Page - ATMEL Corporation ATF2500C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
ATF2500C Family
0777I–PLD–4/03
Note:
The ATF2500C has 71816 Jedec fuses.
Input Diagram
Software Compiler Mode Selection
Device
Atmel - WinCupL Device Mnemonic
Pin-keeper
ATF2500C-DIP
V2500C
V2500CPPK
Disabled
Enabled
ATF2500C-PLCC
V2500LCC
V2500CPPKLCC
Disabled
Enabled
THIRD PARTY PROGRAMMER SUPPORT
Major Third Party Device Programmers support three types of JEDEC files.
Device
Description
ATF2500C (V2500)
V2500 Cross-programming. JEDEC file compatible with standard V2500
JEDEC file (Total fuses in JEDEC file = 71648). The Programmer will
automatically disable the User row fuses and also disable the pin-keeper
feature. The Fuse checksum will be the same as the old ATV2500H/L file.
This Device type is recommended for customers that are directly migrating
from an ATV2500H/L device to an ATF2500C device.
ATF2500C (V2500B)
V2500B Cross-programming. JEDEC file compatible with standard
V2500B JEDEC file (Total fuses in JEDEC file = 71745). The Programmer
will automatically disable the User row fuses and also disable the pin-
keeper feature. The Fuse checksum will be the same as the old
ATV2500B/BQ/BQL/BL file. This Device type is recommended for
customers that are directly migrating from an ATV2500B/BQ/BQL/BL
device to an ATF2500C device.
ATF2500C
Programming of User Row bits supported and Pin keeper bit is user-
programmable. (Total fuses in JEDEC file = 71816). This is the default
device type and is recommended for users that have Re-compiled their
Source Design files to specifically target the ATF2500C device.
PROGRAMMABLE
OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com