Electronic Components Datasheet Search
  English  ▼

X  

ATF2500C Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF2500C
Description  ATF2500C CPLD Family Datasheet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF2500C Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF2500C Datasheet HTML 1Page - ATMEL Corporation ATF2500C Datasheet HTML 2Page - ATMEL Corporation ATF2500C Datasheet HTML 3Page - ATMEL Corporation ATF2500C Datasheet HTML 4Page - ATMEL Corporation ATF2500C Datasheet HTML 5Page - ATMEL Corporation ATF2500C Datasheet HTML 6Page - ATMEL Corporation ATF2500C Datasheet HTML 7Page - ATMEL Corporation ATF2500C Datasheet HTML 8Page - ATMEL Corporation ATF2500C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Features
• High-performance, High-density, Electrically-erasable Programmable Logic Device
• Fully Connected Logic Array with 416 Product Terms
• 15 ns Maximum Pin-to-pin Delay for 5V Operation
• 24 Flexible Output Macrocells
– 48 Flip-flops – Two per Macrocell
–72 Sum Terms
– All Flip-flops, I/O Pins Feed in Independently
• D- or T-type Flip-flops
• Product Term or Direct Input Pin Clocking
• Registered or Combinatorial Internal Feedback
• Backward Compatible with ATV2500B/BQ and ATV2500H Software
• Advanced Electrically-erasable Technology
– Reprogrammable
– 100% Tested
• 44-lead Surface Mount Package and DIP Package
• Flexible Design: Up to 48 Buried Flip-flops and 24 Combinatorial Outputs
Simultaneously
• 8 Synchronous Product Terms
• Individual Asynchronous Reset per Macrocell
• OE Control per Macrocell
• Functionality Equivalent to ATV2500B/BQ and ATV2500H
• 2000V ESD Protection
• Security Fuse Feature to Protect the Code
• Commercial and Industrial Temperature Range Offered
• 10 Year Data Retention
• Pin Keeper Option
• 200 mA Latch-up Immunity
Block Diagram
ATF2500C
CPLD Family
Datasheet
ATF2500C
Rev. 0777I–PLD–4/03
Pin Configurations
Pin Name
Function
IN
Logic Inputs
CLK/IN
Pin Clock and Input
I/O
Bi-directional Buffers
I/O 0,2,4...
“Even” I/O Buffers
I/O 1,3,5...
“Odd” I/O Buffers
GND
Ground
VCC
+5V Supply
DIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
CLK/IN
IN
IN
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
VCC
I/O17
I/O16
I/O15
I/O14
I/O13
I/O12
IN
IN
IN
IN
IN
IN
IN
IN
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
GND
I/O23
I/O22
I/O21
I/O20
I/O19
I/O18
IN
IN
IN
PLCC/LCC/JLCC
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
I/O2
I/O3
I/O4
I/O5
VCC
VCC
I/O17
I/O16
I/O15
I/O14
I/O13
I/O7
I/O8
I/O9
I/O10
I/O11
GND
GND
I/O23
I/O22
I/O21
I/O20
Note:
(PLCC/LCC/JLCC packages) pin 4 and pin 26
GND connections are not required, but are rec-
ommended for improved noise immunity.


Similar Part No. - ATF2500C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF2500C ATMEL-ATF2500C Datasheet
619Kb / 24P
ATF2500C CPLD Family Datasheet
ATF2500C-15JC ATMEL-ATF2500C-15JC Datasheet
619Kb / 24P
ATF2500C CPLD Family Datasheet
ATF2500C-15JI ATMEL-ATF2500C-15JI Datasheet
619Kb / 24P
ATF2500C CPLD Family Datasheet
ATF2500C-15JU ATMEL-ATF2500C-15JU Datasheet
619Kb / 24P
ATF2500C CPLD Family Datasheet
ATF2500C-20GM ATMEL-ATF2500C-20GM Datasheet
619Kb / 24P
ATF2500C CPLD Family Datasheet
More results

Similar Description - ATF2500C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502SE ATMEL-ATF1502SE Datasheet
592Kb / 69P
Family Datasheet
ATF2500C ATMEL-ATF2500C_08 Datasheet
619Kb / 24P
ATF2500C CPLD Family Datasheet
logo
Cypress Semiconductor
S6J311A CYPRESS-S6J311A Datasheet
2Mb / 92P
32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
S6J311E CYPRESS-S6J311E Datasheet
2Mb / 116P
32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
S6J312A CYPRESS-S6J312A Datasheet
2Mb / 139P
32-Bit Traveo??Family Microcontroller Datasheet
logo
Xilinx, Inc
XC2C64A XILINX-XC2C64A Datasheet
444Kb / 14P
CoolRunner-II CPLD Family
XC9500 XILINX-XC9500 Datasheet
171Kb / 16P
XC9500 In-System Programmable CPLD Family
XC9500XL XILINX-XC9500XL Datasheet
293Kb / 18P
XC9500XL High-Performance CPLD Family Data Sheet
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com