Electronic Components Datasheet Search
  English  ▼

X  

ATF2500C Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATF2500C
Description  ATF2500C CPLD Family Datasheet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF2500C Datasheet(HTML) 3 Page - ATMEL Corporation

  ATF2500C Datasheet HTML 1Page - ATMEL Corporation ATF2500C Datasheet HTML 2Page - ATMEL Corporation ATF2500C Datasheet HTML 3Page - ATMEL Corporation ATF2500C Datasheet HTML 4Page - ATMEL Corporation ATF2500C Datasheet HTML 5Page - ATMEL Corporation ATF2500C Datasheet HTML 6Page - ATMEL Corporation ATF2500C Datasheet HTML 7Page - ATMEL Corporation ATF2500C Datasheet HTML 8Page - ATMEL Corporation ATF2500C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
ATF2500C Family
0777I–PLD–4/03
Power-up Reset
The registers in the ATF2500Cs are designed to reset during power-up. At a point delayed
slightly from V
CC crossing VRST, all registers will be reset to the low state. The output state will
depend on the polarity of the output buffer.
This feature is critical for state as nature of reset and the uncertainty of how V
CC actually rises
in the system, the following conditions are required:
1.
The VCC rise must be monotonic,
2.
After reset occurs, all input and feedback setup times must be met before driving the
clock pin or terms high, and
3.
The clock pin, and any signals from which clock terms are derived, must remain stable
during tPR.
Parameter
Description
Typ
Max
Units
tPR
Power-up Reset Time
600
1000
ns
VRST
Power-up Reset Voltage
3.8
4.5
V
Level Forced on
Odd I/O Pin during
PRELOAD Cycle
Q Select Pin
State
Even/Odd
Select
Even Q1 State
after Cycle
Even Q2 State
after Cycle
Odd Q1 State
after Cycle
Odd Q2 State
after Cycle
VIH/VIL
Low
Low
High/Low
X
X
X
VIH/VIL
High
Low
X
High/Low
X
X
V
IH/VIL
Low
High
X
X
High/Low
X
V
IH/VIL
High
High
X
X
X
High/Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com