Electronic Components Datasheet Search
  English  ▼

X  

LD1072 Datasheet(PDF) 3 Page - LDT Co., Ltd

Part # LD1072
Description  16-CH LED DRIVER WITH DOT CORRECTION
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1072 Datasheet(HTML) 3 Page - LDT Co., Ltd

  LD1072 Datasheet HTML 1Page - LDT Co., Ltd LD1072 Datasheet HTML 2Page - LDT Co., Ltd LD1072 Datasheet HTML 3Page - LDT Co., Ltd LD1072 Datasheet HTML 4Page - LDT Co., Ltd LD1072 Datasheet HTML 5Page - LDT Co., Ltd LD1072 Datasheet HTML 6Page - LDT Co., Ltd LD1072 Datasheet HTML 7Page - LDT Co., Ltd LD1072 Datasheet HTML 8Page - LDT Co., Ltd LD1072 Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Ver1.0
2
LD1072
16-CH LED DRIVER WITH DOT CORRECTION AND 12-BIT PWM CONTROL
DESCRIPTION
The LD1072 is a 16-channel, constant-current sink, LED driver. Each channel has a individually
adjustable12- Bit PWM brightness control and a 64-step/256-step dot correction. The dot correction adjusts the
brightness variations between LED channels and other LED Drivers. In 8-Bit Mode, LD1072 has 256-step
Programmable Adjust Data Mode which controls 16 output current simultaneously. Both PWM control and dot
correction are accessible via a serial interface. An external resistor sets the maximum current value of all 16
channels.
The LD1072 features two error information circuits. The LED open detection (LOD) indicates a broken or
disconnected LED at an output terminal. The thermal error flag (TEF) indicates an over temperature status.
FEATURES
•
16 Channels
•
12-Bit (4096 Steps) Grayscale PWM Control
•
Dot Correction
- 6-Bit (64 Steps) / 8-Bit (256 Steps)(±
±
±
± 33%)
•
Programmable Adjust Output Current for 16Channel
- 8-Bit (256 Steps)
•
Drive Capability (Constant-Current Sink)
- 0 mA to 80 mA (6-Bit)
- 0 mA to 60 mA (8-Bit)
• LED Power Supply Voltage up to 17 V
•
VDD = 3.0 V to 5.5 V
•
Serial Data Interface
•
Controlled In-Rush Current
•
30-MHz Data Transfer Rate
•
CMOS Level I/O
•
Error Information
- LOD : LED Open Detection
- TEF : Thermal Error Flag
Package : 28 Pin TSSOP
GND
OEB
ST
CLK
DIN
MOD
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
VDD
REXT
DC
PWMCK
DO
ERR
OUT15
OUT14
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Thermal Exposed PACKAGE
(TOP VIEW)
Thermal
PAD
PIN CONFIGURATION
ORDERING INFORMATION
PART NUMBER
PACKAGE
TA
LD1072-SS
28 TSSOP
-40°C to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com