Electronic Components Datasheet Search
  English  ▼

X  

LD1072 Datasheet(PDF) 8 Page - LDT Co., Ltd

Part # LD1072
Description  16-CH LED DRIVER WITH DOT CORRECTION
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1072 Datasheet(HTML) 8 Page - LDT Co., Ltd

Back Button LD1072 Datasheet HTML 4Page - LDT Co., Ltd LD1072 Datasheet HTML 5Page - LDT Co., Ltd LD1072 Datasheet HTML 6Page - LDT Co., Ltd LD1072 Datasheet HTML 7Page - LDT Co., Ltd LD1072 Datasheet HTML 8Page - LDT Co., Ltd LD1072 Datasheet HTML 9Page - LDT Co., Ltd LD1072 Datasheet HTML 10Page - LDT Co., Ltd LD1072 Datasheet HTML 11Page - LDT Co., Ltd LD1072 Datasheet HTML 12Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Ver1.0
7
LD1072
16-CH LED DRIVER WITH DOT CORRECTION AND 12-BIT PWM CONTROL
ELECTRICAL CHARACTERISTICS
(V
DD=3V to 5.5V, TA = -40
oC to 85oC) (unless otherwise noted)
PARAMETER
SYM
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
High-level Output
Voltage
V
OH
I
OH = -1 mA, DO
V
DD*
0.8
V
DD
V
Low-level Output
Voltage
V
OL
I
OL = 1 mA, DO
0
V
DD*
0.2
V
Input Current
I
I
V
I = VDD or GND; OEB, DC, PWMCK, CLK, DIN, ST pin
-0.5
0.5
uA
V
I = GND; MOD pin
-0.5
0.5
V
I = VDD; MOD pin
15
30
Supply Current
I
DD
No data transfer, all output OFF, V
O = 1 V,
R
(REXT) = 10 kΩ
3
11
mA
No data transfer, all output OFF, V
O = 1 V,
R
(REXT) = 1.3 kΩ
3
11
Data transfer 30 MHz,, all output ON,
V
O = 1 V, R(REXT) = 1.3 kΩ
3
11
Data transfer 30 MHz, all output ON,
V
O = 1 V, R(REXT) = 640Ω
5
11
Constant Output
Current
I
O(LC)
All output ON,V
O = 1 V, R(REXT) = 640Ω
10.0
10.4
10.7
Leakage
Output Current
I
lkg
All output OFF, V
O = 15 V, R(REXT) = 640Ω,
OUT0 to OUT15
-0.1
0.1
uA
Constant Sink
Current Error
ΔI
O(LC0)
All output ON, V
O = 1 V, IOUT = 10mA, OUT0 to OUT15,
–20°C to 85°C *(1)
±
1
±
4
%
All output ON, V
O = 1 V, IOUT = 10mA, OUT0 to OUT15
±
1
±
8
All output ON, V
O = 1 V, IOUT=40mA, OUT0 to OUT15,
–20°C to 85°C
±
1
±
6
All output ON, V
O = 1 V, IOUT=40mA, OUT0 to OUT15
±
1
±
8
Constant Sink
Current Error
ΔI
O(LC1)
Device to device, averaged current from OUT0 to OUT15,
IOUT = 10mA *(2)
±
3
±
6
%
Constant Sink
Current Error
ΔI
O(LC2)
Device to device, averaged current from OUT0 to OUT15,
IOUT=40mA *(2)
±
4
±
6
%
Line
Regulation
ΔI
O(LC3)
All output ON, V
O = 1 V, IOUT = 10mA
OUT0 to OUT15, VDD = 3 V to 5.5 V *(3)
±
1
±
4
%/V
All output ON, V
O = 1 V, IOUT = 40mA
OUT0 to OUT15, VDD = 3 V to 5.5 V (3)
Load Regulation
Δ
IO(LC40)
All output ON, V
O = 1 V to 3 V, IOUT = 10mA, OUT0 to
OUT15 (4)
±
2
±
6
%/V
All output ON, V
O = 1 V to 3 V, IOUT = 40mA, OUT0 to
OUT15 (4)
±
2
±
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com