Electronic Components Datasheet Search
  English  ▼

X  

LD1072 Datasheet(PDF) 4 Page - LDT Co., Ltd

Part # LD1072
Description  16-CH LED DRIVER WITH DOT CORRECTION
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1072 Datasheet(HTML) 4 Page - LDT Co., Ltd

  LD1072 Datasheet HTML 1Page - LDT Co., Ltd LD1072 Datasheet HTML 2Page - LDT Co., Ltd LD1072 Datasheet HTML 3Page - LDT Co., Ltd LD1072 Datasheet HTML 4Page - LDT Co., Ltd LD1072 Datasheet HTML 5Page - LDT Co., Ltd LD1072 Datasheet HTML 6Page - LDT Co., Ltd LD1072 Datasheet HTML 7Page - LDT Co., Ltd LD1072 Datasheet HTML 8Page - LDT Co., Ltd LD1072 Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Ver1.0
3
LD1072
16-CH LED DRIVER WITH DOT CORRECTION AND 12-BIT PWM CONTROL
TERMINAL
DESCRIPTION
NAME
NO.
GND
1
Ground
OEB
2
Blank all outputs. When OEB = H, all OUTn outputs are forced OFF. PWM counter is
also reset. When OEB = L, OUTn are controlled by grayscale PWM control.
ST
3
Level
triggered
latch
signal.
When
ST
=
high,
the
LD1072
writes
data from the input shift register to either PWM register (MOD = low) or
DC register (MOD = high). When ST=low, the data in the PWM or
DC registers is held constant and does not change.
CLK
4
Serial data shift clock
DIN
5
Serial data input
MOD
6
Input mode-change pin. When MOD = GND, the device is in PWM mode. When MOD
= VDD, the device is in DC mode.
OUT
<0 :15>
7-22
Constant-current output
ERR
23
Error output. ERR is an open-drain terminal. ERR goes L when LOD or TEF is detected.
DO
24
Serial data output.
PWMCK
25
Reference clock for grayscale PWM control
DC
26
When DC = VDD, the device is in 6-Bit Mode. when DC = GND, the device is in 8-Bit
Mode and Programmable Adjust Mode.
REXT
27
Reference current terminal
VDD
28
Power supply voltage.
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com