Electronic Components Datasheet Search
  English  ▼

X  

LD1072 Datasheet(PDF) 7 Page - LDT Co., Ltd

Part # LD1072
Description  16-CH LED DRIVER WITH DOT CORRECTION
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1072 Datasheet(HTML) 7 Page - LDT Co., Ltd

Back Button LD1072 Datasheet HTML 3Page - LDT Co., Ltd LD1072 Datasheet HTML 4Page - LDT Co., Ltd LD1072 Datasheet HTML 5Page - LDT Co., Ltd LD1072 Datasheet HTML 6Page - LDT Co., Ltd LD1072 Datasheet HTML 7Page - LDT Co., Ltd LD1072 Datasheet HTML 8Page - LDT Co., Ltd LD1072 Datasheet HTML 9Page - LDT Co., Ltd LD1072 Datasheet HTML 10Page - LDT Co., Ltd LD1072 Datasheet HTML 11Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Ver1.0
6
LD1072
16-CH LED DRIVER WITH DOT CORRECTION AND 12-BIT PWM CONTROL
CHARACTERISTI
CS
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Data shift clock
frequency
CLK
f
(CLK)
30
MHz
Grayscale clock
frequency
PWMCK
f
(PWMCK)
33
MHz
CLK pulse
duration
CLK = H/L (See Figure 14)
t
wh0 /wl0
10
ns
PWMCK pulse
duration
PWMCK = H/L (See Figure 14)
t
wh1 /wl1
10
ns
ST pulse duration
ST = H (See Figure 14)
t
wh2
15
ns
OEB pulse duration
OEB = H (See Figure 14)
t
wh3
15
ns
Setup time
DIN - CLK
↑ (See Figure 14)
t
su0
5
ns
CLK
↓- ST↑ (See Figure 14)
t
su1
10
MOD
↑↓ - ST↑ (See Figure 14)
t
su2
10
OEB
↓ - PWMCK↑ (See Figure 14)`
t
su3
10
ST
↑ - PWMCK↑ (See Figure 14)
t
su4
10
Hold time
CLK
↑ - DIN (See Figure 14)
t
h0
10
ns
ST
↓ - CLK↑ (See Figure 14)
t
h1
10
CLK
↑ - MOD↑↓ (See Figure 14)
t
h2
10
ST
↓ - MOD↑↓ (See Figure 14)
t
h3
10
PWMCK
↑ - OEB↑ (See Figure 14)
t
h4
10
AC CHRACTERISTICS
(V
DD=3V to 5.5V, TA = -40℃
℃
℃
℃ to 85℃
℃
℃
℃) (unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com