Electronic Components Datasheet Search
  English  ▼

X  

LD1072 Datasheet(PDF) 11 Page - LDT Co., Ltd

Part # LD1072
Description  16-CH LED DRIVER WITH DOT CORRECTION
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1072 Datasheet(HTML) 11 Page - LDT Co., Ltd

Back Button LD1072 Datasheet HTML 7Page - LDT Co., Ltd LD1072 Datasheet HTML 8Page - LDT Co., Ltd LD1072 Datasheet HTML 9Page - LDT Co., Ltd LD1072 Datasheet HTML 10Page - LDT Co., Ltd LD1072 Datasheet HTML 11Page - LDT Co., Ltd LD1072 Datasheet HTML 12Page - LDT Co., Ltd LD1072 Datasheet HTML 13Page - LDT Co., Ltd LD1072 Datasheet HTML 14Page - LDT Co., Ltd LD1072 Datasheet HTML 15Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Ver1.0
10
LD1072
16-CH LED DRIVER WITH DOT CORRECTION AND 12-BIT PWM CONTROL
EQUIVALENT CIRCUIT OF INPUTS AND OUTPUTS
1. OEB, ST, CLK. DIN, PWMCK,DC
VDD
INPUT
GND
2. DO
VDD
OUTPUT
GND
3. ERR
GND
ERR
VDD
INPUT
GND
4. MOD
t
who, twIO, twh1, twl1, tsu0
DO
Test Point
C
L = 15pF
t
su4, th4
V
(LED) = 4 V
OUTn
R
L = 51Ω
Test Point
C
L = 15pF
IOLC, IOLC3, IOLC4
V
(LED) = 1 V
V
DD = 0 V ~ 7 V
+
-
Test Point
REXT
OUT0
OUT1
OUT15
R
REXT = 640Ω
Figure 1. Input Output Equivalent Circuits
Figure 2. Parameter Measurement Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com