Electronic Components Datasheet Search
  English  ▼

X  

LD1072 Datasheet(PDF) 12 Page - LDT Co., Ltd

Part # LD1072
Description  16-CH LED DRIVER WITH DOT CORRECTION
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1072 Datasheet(HTML) 12 Page - LDT Co., Ltd

Back Button LD1072 Datasheet HTML 8Page - LDT Co., Ltd LD1072 Datasheet HTML 9Page - LDT Co., Ltd LD1072 Datasheet HTML 10Page - LDT Co., Ltd LD1072 Datasheet HTML 11Page - LDT Co., Ltd LD1072 Datasheet HTML 12Page - LDT Co., Ltd LD1072 Datasheet HTML 13Page - LDT Co., Ltd LD1072 Datasheet HTML 14Page - LDT Co., Ltd LD1072 Datasheet HTML 15Page - LDT Co., Ltd LD1072 Datasheet HTML 16Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Ver1.0
11
LD1072
16-CH LED DRIVER WITH DOT CORRECTION AND 12-BIT PWM CONTROL
RREXT
I
OUT
0.72k
Ω
54mA
0.99 k
Ω
40mA
1.28 k
Ω
31mA
1.97 k
Ω
20mA
4.00 k
Ω
10mA
0.50 k
Ω
76mA
RREXT (k
Ω
Ω
Ω
Ω)
Figure 3. R
REXT vs. IOUT for DC Mode = 6Bit @VDD=5.5V
RREXT
IOUT
0.64 k
Ω
45mA
0.79 k
Ω
37.5mA
0.96 k
Ω
30mA
1.28 k
Ω
22.5mA
1.92 k
Ω
15mA
3.84 k
Ω
7.5mA
0.55 k
Ω
52.5mA
0.48 k
Ω
60mA
Default Value
RREXT (k
Ω
Ω
Ω
Ω)
Figure 4. R
REXT vs. IOUT for DC Mode = 8Bit @VDD=5.5V
VO = 1.0V
Typical Characteristics
60
50
40
30
20
10
0
0
1
2
3
4
VO = 1.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com