Electronic Components Datasheet Search
  English  ▼

X  

LD1072 Datasheet(PDF) 6 Page - LDT Co., Ltd

Part # LD1072
Description  16-CH LED DRIVER WITH DOT CORRECTION
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1072 Datasheet(HTML) 6 Page - LDT Co., Ltd

Back Button LD1072 Datasheet HTML 2Page - LDT Co., Ltd LD1072 Datasheet HTML 3Page - LDT Co., Ltd LD1072 Datasheet HTML 4Page - LDT Co., Ltd LD1072 Datasheet HTML 5Page - LDT Co., Ltd LD1072 Datasheet HTML 6Page - LDT Co., Ltd LD1072 Datasheet HTML 7Page - LDT Co., Ltd LD1072 Datasheet HTML 8Page - LDT Co., Ltd LD1072 Datasheet HTML 9Page - LDT Co., Ltd LD1072 Datasheet HTML 10Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Ver1.0
5
LD1072
16-CH LED DRIVER WITH DOT CORRECTION AND 12-BIT PWM CONTROL
CHARACTERISTICS
SYMBOL
RATING
UNIT
Supply Voltage
V
DD
0 ~ 7
V
Output Voltage
Vo
-0.5 ~ 18
V
Output current (dc)
I
O
90
mA
Input voltage range
V
I
-0.3 ~ V
DD+0.4
V
GND Terminal Current
I
GND
1440
mA
Power dissipation
TSSOP
1.4
W
Operating junction temperature
T
J(max)
150
°
C
Storage temperature range
T
STG
-55 ~ 150
°
C
Operating ambient temperature range
T
A
-40 ~ 85
°
C
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
CHARACTERISTICS
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
V
DD
3
5.5
V
Voltage applied to output (OUT0 - OUT15)
V
O
17
V
High-level input voltage
V
IH
0.8 VDD
VDD
V
Low-level input voltage
V
IL
GND
0.2 VDD
V
High-level output current
V
DD = 5 V at DO
I
OH
-1
mA
Low-level output current
V
DD = 5 V at DO, ERR
I
OL
1
mA
Constant output current
OUT0 to OUT15
I
OLC
80
mA
Operating junction temperature
T
J
-40
125
°
C
Operating free-air temperature range
T
A
-40
85
°
C
DC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com