Electronic Components Datasheet Search
  English  ▼

X  

230XM Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # 230XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

230XM Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button 230XM Datasheet HTML 12Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 13Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 14Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 15Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 16Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 17Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 18Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 19Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 122 page
background image
E-ZZ-M
MINI-HHOOK: XXR
Part Number
Description
XR-(Color)
Mini-Hook XR Test Connector
The mid-size XR hook bridges the gap between the general purpose X100W
and the macro-hook XH model. The hook thickness has been increased for
added strength and durability and widened to fit over larger components.
Standard M
Model CConstruction:
Body and plunger made of durable nylon. One-piece beryllium
copper, Gold-plated conductor and hook. Contact thickness of
hook is .025” (.635mm). Hook fits over component leads up to
.059” (1.5mm) diameter. The hook is insulated to a single
contact point to assure accurate readings. Stainless steel
compression coil spring provides approximately 12 ounces (340
grams) contact pressure.
Part is field serviceable (See page 1).
XR WITH PPLUNGER FFOR HHEAVY LLEAD W
WIRE
Construction: Identical to standard XR model except lead exit hole
in plunger has been increased to .165” (4.19mm) to accommodate
heavier gauge lead wires.
Part Number
Description
XRA-(color)
Mini-Hook XR for Heavy Lead Wire
Construction: Identical to standard XR model except a square post is
accessible through lead exit hole in plunger. Post is designed for easy
snap-on connection to .025” (.635mm) square or .030” (.762mm)
diameter patch cords.
Part Number
Description
XR25-(color)
Mini-Hook XR with .025” Square Pin
XR N
NON-M
MAGNETIC
Construction: Identical to standard XR model except spring is non-
magnetic.
Part Number
Description
XR-N
NM-(color)
Non-Magnetic XR
XR25-N
NM-(color)
Non-Magnetic .025” Square Pin XR
XRA-N
NM-(color)
Non-Magnetic Heavy Lead XR
Note: Add -N
NM after any XR style part number to indicate non-
magnetic XR hook. (ex. XR -NM - color ).
STANDARD RRECTANGULAR HOLE TIP
Colors: Available in 10 colors. See inside back cover for details.
13
E-ZZ-HHook llead ooptions: Use with .025” or .030” socket patch cords on
pages 52-53.
XR
Orrderr DDesk: 11 ((800) 9995-HHOOK
Actual SSize
XR25 W
WITH ..025” SSQUARE PPIN
STANDARD PLUNGER
XR WITH HEAVY SPRING
Construction: Identical to standard XR model except stainless steel
compression coil spring provides approximately 27 ounces (765 grams)
contact pressure.
Part Number
Description
XRZ-(color)
Mini-Hook XR with Heavy Spring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com