Electronic Components Datasheet Search
  English  ▼

X  

230XM Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # 230XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

230XM Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button 230XM Datasheet HTML 13Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 14Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 15Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 16Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 17Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 18Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 19Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 20Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 122 page
background image
Note: Add -N
NM after any XL style part number to indicate non-
magnetic XL hook. (ex. XL1 -NM - color ).
XL1 RRECTANGULAR HHOLE TTIP
Construction: Identical to standard XL1 model except tip has been extended to provide .065”
x .040” hole for vertical connection over rectangular wire wrapped pins.
Part Number
Description
XL2-(color)
Rectangular Hole Tip
Mini-Hook
XL1 PLUNGER FFOR HHEAVY LLEAD W
WIRE
Construction: Identical to standard XL1 model except lead exit hole in plunger has been
increased to .165” (4.19mm) to accommodate heavier gauge lead wires.
Part Number
Description
XL1A-(color)
Heavy Lead, Sq. Hole
Tip Mini-Hook
XL2A-(color)
Heavy Lead, Rect. Hole
Tip Mini-Hook
XL1 N
NON-M
MAGNETIC
Construction: Identical to standard XL1 model except
spring is non-magnetic.
Part Number
Description
XL1-N
NM-(color)
Non-Magnetic, Square Tip
XL2-N
NM-(color)
Non-Magnetic, Rectangular Tip
XL1A-N
NM-(color)
Non-Magnetic, Heavy Lead,
Square Tip
XL2A-N
NM-(color)
Non-Magnetic, Heavy Lead,
Rectangular Tip
E-ZZ-M
MINI-HHOOK: XL1
STANDARD SQUARE HOLE TIP
STANDARD PLUNGER
Colors: Available in 10 colors. See inside back cover for details.
14
www.e-zz-hhooook.coom
m
Actual SSize
Standard M
Model CConstruction:
Durable nylon body and plunger.
Body is 5” (127mm) long to reach through wiring nest up to
4” (101.6mm) deep. One-piece, gold-plated beryllium copper conductor and hook. Hook fits over
component leads up to .040” (1.016mm) diameter. Square hole tip design permits easy hook up
either vertically or horizontally. Stainless steel compression coil spring provides approximately 12
ounces (340 grams) contact pressure.
Part is field serviceable (see page 1).
Part Number
Description
XL1-(color)
Mini-Hook Test Connector
XL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com