Electronic Components Datasheet Search
  English  ▼

X  

230XM Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # 230XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

230XM Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button 230XM Datasheet HTML 14Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 15Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 16Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 17Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 18Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 19Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 20Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 21Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 122 page
background image
Ordering iinformation:
PART NO. - WIRE LENGTH - COLOR (Example: 204XR-12-RED)
E-ZZ-M
MINI-HHOOK TTEST LLEADS: XX100W, XXR && XXL1
MODEL XX100W
MODEL XXR
MODEL XXL1
SETS && CUSTOM CCOLOR
Standard Sets:
R/B
= 1 red, 1 black
S
= 1 each of 10 colors
S(color) = 10 of one color
S14
= Set of 10 solid, 4 kilo color*
S16
= Set of 10 solid, 6 kilo color*
(Ex. 204W-12-S or 204W-12-R/B)
Muti-color Unit:
*See Kilo-Color Info on inside back
cover.
COLOR CHART
Black
Green
Brown Blue
Red
Violet
Orange Gray
Yellow White
Standard wire for the following leads
is 22 AWG PVC or 22 AWG coil cord,
unless otherwise shown.
Test leads available
in the above colors.
PLEASE SPECIFY LENGTH IN INCHES
WHEN ORDERING
MINI-HHOOK: See selected model style.
STANDARD AALLIGATOR CCLIP: See Part No. 9274.
Hook Model
Part Number
X100W
219W-(length)-(color)
XR
219XR-(length)-(color)
XL1
219XL1-(length)-(color)
MINI-HHOOK TTO M
MINI-HHOOK JJUMPER
Hook Model
Part Number
X100W
204W-(length)-(color)
XR
204XR-(length)-(color)
XL1
204XL1-(length)-(color)
MINI-HHOOK: See selected model style.
Hook Model
Part Number
X100W
304W-(length)-(color)
XR
304XR-(length)-(color)
XL1
304XL1-(length)-(color)
24 AWG TEFLON WIRE
22 AWG PVC WIRE
Hook Model
Part Number
X100W
213W-(length)-(color)
XR
213XR-(length)-(color)
XL1
213XL1-(length)-(color)
Hook Model
Part Number
X100W
313W-(length)-(color)
XR
313XR-(length)-(color)
XL1
313XL1-(length)-(color)
MINI-HHOOK: See selected model style.
MINI-HHOOK TTO LLEAD O
ONLY .. .. .. N
NO IINTERFACE
Standard lengths include:
Coil cord, add C after part no. (Ex. 204XRC)
Coil cord, add C after part no. (Ex. 213XL1C)
Coil cord, add C after part no. (Ex. 219XRC)
X100W model sshown
X100W model sshown
X100W model sshown
15
Orrderr DDesk: 11 ((800) 9995-HHOOK
Additional lead lengths, wire types, and custom leads are available upon request.
ALL M
MODELS AAVAILABLE IIN TTHE FFOLLOWING TTEST LLEAD CCOMBINATIONS
MINI-HHOOK TTO SSTANDARD AALLIGATOR CCLIP
3”
6”
12”
18”
8cm
15cm
30cm
45cm
48” Coil Cord
24”
36”
48”
60”
60cm
90cm
120cm
150cm
22 AWG PVC WIRE
22 AWG PVC WIRE
24 AWG TEFLON WIRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com