Electronic Components Datasheet Search
  English  ▼

X  

230XM Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # 230XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

230XM Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button 230XM Datasheet HTML 80Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 81Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 82Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 83Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 84Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 85Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 86Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 87Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 122 page
background image
XLR M
MALE && FFEMALE AAUDIO CCABLE CCONNECTORS
XLR CCONNECTOR SSYSTEM
GENERAL SSPECIFICATIONS
MECHANICAL
EELECTRICAL
RETENTION METHOD.......................................... SNAP LOCK
CURRENT RATING
WIRING.............................................................. SOLDERING
PER CONTACT.................................................... 16 AMPS
CABLE RETENTION..............................................COLLET TYPE
MAX WIRE SIZE................................................. 16 AWG
HOUSING & FINISH.............................................DIE CAST BLACK
CABLE O.D........................................................ .150" DIA. MIN
CONTACT INSERT................................................ MOLDED NYLON
.270" DIA. MAX
CONTACT MALE &
CuSn 39', Pb
VOLTAGE RATING............................................... 250 VAC
FEMALE.............................................................. 3, CuSn 8
TEST VOLTAGE.................................................... 1500 VAC
CONTACT PLATING............................................. GOLD
CONTACT
OPERATING TEMP............................................... -30C TO +80C
RESISTANCE....................................................... 3m OHM
XLR FFEMALE AAUDIO CCABLE CCONNECTOR
Part No.
9343
XLR M
MALE AAUDIO CCABLE CCONNECTOR
FEMALE PPANEL M
MOUNT
MALE PPANEL M
MOUNT
Part No.
9346
81
PANEL (CUTOUT)
PANEL (CUTOUT)
Orrderr DDesk: 11 ((800) 9995-HHOOK
Part No.
9344
Part No.
9345



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com