Electronic Components Datasheet Search
  English  ▼

X  

230XM Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # 230XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

230XM Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button 230XM Datasheet HTML 38Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 39Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 40Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 41Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 42Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 43Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 44Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 45Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 122 page
background image
PROBES && AACCESSORIES
.060” ((1.524mm) N
NEEDLE TTIP PPROBE
Part No. Description
9286
Needle Tip Probe
Construction: Plastic handle. 1/4-32 threaded assembly. Solder connection.
Nickel plated brass collett. Phono needle point.
Colors: Red and black.
STANDARD ..080” ((2.03mm) PPIN TTIP PPROBE
Part No. Description
9287
Pin Tip Probe; 18 AWG Wire Max
Construction: Plastic handle. 1/4-32 threaded assembly. Solderless
connection. Nickel plated brass tip.
Colors: Red and black.
Part No. Description
8202
Replacement Tip for P/N 9286 and 32 Probes
8208
Phono Needle Tip
Construction: Nickel plated brass body. Solder assembly. 1/4-32 thread.
STANDARD ..080” ((2.03mm) PPIN TTIP
Construction: Nickel plated brass body and tip. Solderless assembly.
1/4-32 thread. 18 AWG wire max.
Part No. Description
8203
Replacement Tip for P/N 9287 and No. 33 Probes
SLIM BACK PROBE W
WITH BBANANA SSOCKET
Part No. Description
62
Slim Back Probe
Construction: Housing is molded glass filled nylon. Banana socket is nickel
plated brass. .040” diameter probe is stainless steel wire. Accepts standard
and shrouded banana plugs.
Part No. Description
63
OEM Style Probe
Construction: Housing is molded glass filled nylon. Banana socket is
nickel plated brass. Accepts standard & shrouded banana plugs. Probe
tip is stainless steel.
LANTERN/BANANA PLUG PROBE W
WITH BBANANA SSOCKET
Part No. Description
66
Lantern/Banana
Plug Probe
Construction: Housing is molded glass filled nylon. Banana socket is nickel
plated brass. .040” diameter probe stainless steel spring wire. Accepts
standard and shrouded banana plugs.
FUSED M
MODULAR PPROBE W
WITH BBANANA SSOCKET
Part No. Description
65
Fused Modular Probe
Construction: Housing is molded glass filled nylon. Banana socket and
probe tip are nickel plated brass. Rating 500mA/1000V/50kA. IEC 1010
rating: 1000V CAT. Accepts standard and shrouded banana plugs.
39
Orrderr DDesk: 11 ((800) 9995-HHOOK
OEM STYLE PROBE W
WITH BBANANA SSOCKET
.060” ((1.524mm) N
NEEDLE TTIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com