Electronic Components Datasheet Search
  English  ▼

X  

230XM Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # 230XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

230XM Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button 230XM Datasheet HTML 52Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 53Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 54Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 55Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 56Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 57Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 58Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 59Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 122 page
background image
SOCKET: See selected socket model.
STACKING ..080” ((2.03mm) PPIN PPLUG: See Part No. 9204.
SOCKET: See selected socket model.
STANDARD AALLIGATOR CCLIP: See Part No. 9274.
SOCKET: See selected socket model.
MINIATURE AALLIGATOR CCLIP: See Part No. 9275.
SOCKET: See selected socket model.
STANDARD BBANANA SSOCKET: See Part No. 9210.
SOCKET: See selected socket model.
FEMALE 66-332 TTHREAD SSOCKET: See Part No. 9212.
Socket Model
Part Number
.025” (.635mm)
9171-(length)-(color)
.030” (.762mm)
9866-(length)-(color)
Socket Model
Part Number
.025” (.635mm)
9172-(length)-(color)
.030” (.762mm)
9868-(length)-(color)
Socket Model
Part Number
.025” (.635mm)
9173-(length)-(color)
.030” (.762mm)
9864-(length)-(color)
Socket Model
Part Number
.025” (.635mm)
9163-(length)-(color)
.030” (.762mm)
9863-(length)-(color)
Socket Model
Part Number
.025” (.635mm)
9174-(length)-(color)
.030” (.762mm)
9924-(length)-(color)
SOCKET TTO ..080” ((2.03mm) SSTACKING PPIN PPLUG
53
SOCKET: See selected socket model.
MINIATURE BBANANA PPLUG: See Part No. 9213.
SOCKET TTO ..080” ((2.03mm) PPIN PPLUG
SOCKET: See selected socket model.
STANDARD PPIN PPLUG: See Part No. 9201.
Socket Model
Part Number
.025” (.635mm)
9167-(length)-(color)
.030” (.762mm)
9862-(length)-(color)
Socket Model
Part Number
.025” (.635mm)
9168-(length)-(color)
.030” (.762mm)
9869-(length)-(color)
SOCKET TTO SSTANDARD AALLIGATOR CCLIP
SOCKET TTO M
MINIATURE AALLIGATOR CCLIP
SOCKET TTO SSTANDARD BBANANA SSOCKET
SOCKET TTO FFEMALE 66-332 TTHREAD
Part Number
9149-(length)-(color)
.025” SSQUARE SSOCKET TTO ..025” SSQUARE PPIN
SOCKET TTO SSHROUDED RRIGHT AANGLE BBANANA PPLUG
Part Number
9850-(length)-(color)
.025” ((.635mm) SSQUARE SSOCKET TTO ..030” ((.762mm) DDIAMETER SSOCKET
Orrderr DDesk: 11 ((800) 9995-HHOOK
Socket Model
Part Number
.025” (.635mm)
9808-(length)-(color)
.030” (.762mm)
9872-(length)-(color)
PATCH CORDS AAND TEST LEADS
SOCKET: See .025” square socket.
.025” SSQUARE PPIN PLUG: See Part No. 9265-HS.
SOCKET: See selected socket model.
SHROUDED RRIGHT AANGLE BBANANA PPLUG: See Part No. 9302.
SOCKETS: See page 52 for socket descriptions.
SOCKET TTO M
MINIATURE BBANANA PPLUG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com