Electronic Components Datasheet Search
  English  ▼

X  

230XM Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # 230XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

230XM Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button 230XM Datasheet HTML 73Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 74Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 75Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 76Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 77Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 78Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 79Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 80Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 122 page
background image
Part No.
Description
8908
Right Angle BNC Male Only
8908B
Right Angle BNC Male with Strain Relief Boot
8908W
Weatherproof Right Angle BNC Male Only
8908WB Weatherproof Right Angle BNC Male with Strain
Relief Boot
Part No.
Description
8907
Right Angle BNC Male Only
8907B
Right Angle BNC Male with Strain Relief Boot
8907W
Weatherproof Right Angle BNC Male Only
8907WB Weatherproof Right Angle BNC Male with Strain
Relief Boot
BNC PPLUGS,
RECEPTACLES AAND AADAPTERS
BASIC IINFORMATlON
Male && FFemale CConnectors: Brass body and fittings. Teflon insulators. Silver
or gold-plated brass contact. Bright tarnish resistant metal alloy finish. Crimp
on assembly.
Strain RRelief BBoot: Molded rubber, 1.75” (44.5mm) long.
Part No.
Description
8902
Standard BNC Female Only
8902B
Standard BNC Female with Strain Relief Boot
8902W
Weatherproof BNC Female Only
8902WB Weatherproof BNC Female with Strain Relief Boot
BNC FFEMALE CCONNECTOR FFOR RRG58C/U CCABLE
RIGHT AANGLE BBNC M
MALE CCONNECTOR FFOR RRG58C/U CCABLE
BNC M
MALE CCONNECTOR FFOR RRG59/U AAND RRG62B/U CCABLE
Part No.
Description
8903
Standard BNC Male Only
8903B
Standard BNC Male with Strain Relief Boot
8903W
Weatherproof BNC Male Only
8903WB Weatherproof BNC Male with Strain Relief Boot
BNC M
MALE CCONNECTOR FFOR M
MIC CCABLE
Part No.
Description
8914
Standard BNC Male Only
8914B
Standard BNC Male with Strain Relief Boot
8914W
Weatherproof BNC Male Only
8914WB Weatherproof BNC Male with Strain Relief Boot
BNC M
MALE CCONNECTOR FFOR RRG58C/U CCABLE
Part No.
Description
8901
Standard BNC Male Only
8901B
Standard BNC Male with Strain Relief Boot
8901W
Weatherproof BNC Male Only
8901WB Weatherproof BNC Male with Strain Relief Boot
RIGHT AANGLE BBNC M
MALE CCONNECTOR FFOR RRG174/U CCABLE
BNC M
MALE CCONNECTOR FFOR RRG174/U CCABLE
Part No.
Description
8905
Standard BNC Male Only
8905B
Standard BNC Male with Strain Relief Boot
8905W
Weatherproof BNC Male Only
8905WB Weatherproof BNC Male with Strain Relief Boot
Part No.
Description
8906
Standard BNC Female Only
8906B
Standard BNC Female with Strain Relief Boot
8906W
Weatherproof BNC Female Only
8906WB Weatherproof BNC Female with Strain Relief Boot
BNC FFEMALE CCONNECTOR FFOR RRG174/U CCABLE
Part No.
Description
8913
Standard BNC Female Only
8913B
Standard BNC Female with Strain Relief Boot
8913W
Weatherproof BNC Female Only
8913WB Weatherproof BNC Female with Strain Relief Boot
BNC FFEMALE CCONNECTOR FFOR RRG59/U CCABLE
74
www.e-zz-hhooook.coom
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com