Electronic Components Datasheet Search
  English  ▼

X  

TIS Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # TIS
Description  Industrial Power Supplies
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TIS Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  TIS Datasheet HTML 1Page - Touchstone Semiconductor Inc TIS Datasheet HTML 2Page - Touchstone Semiconductor Inc TIS Datasheet HTML 3Page - Touchstone Semiconductor Inc TIS Datasheet HTML 4Page - Touchstone Semiconductor Inc TIS Datasheet HTML 5Page - Touchstone Semiconductor Inc TIS Datasheet HTML 6Page - Touchstone Semiconductor Inc TIS Datasheet HTML 7Page - Touchstone Semiconductor Inc TIS Datasheet HTML 8Page - Touchstone Semiconductor Inc TIS Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
http://www.tracopower.com
Page 2 of 13
Industrial Power Supplies
TIS Series
50–600 Watt
Input Specifications
Input voltage range
TIS 50: 93 – 264 VAC
TIS 75, 150, 300, 600: 93 – 132 VAC / 187 – 264 VAC
TIS 500-124-230. 187 – 264 VAC
TIS 500-124-115: 93 – 132 VAC
Input frequency
47 – 63 Hz
Input current at full load (typ.)
at 115 VAC
at 230 VAC
TIS 50: 0.85 A
0.50 A
TIS 75: 1.3 A
0.75 A
TIS 150: 2.7 A
1.6 A
TIS 300: 4.9 A
2.9 A
TIS 500: 6.0 A
4.3 A
TIS 600: 7.0 A
5.0 A
Recommended circuit breaker,
TIS 50: 5.0 A
characteristic C
TIS 75: 5.0 A
or fuse, slow blow typ
TIS 150: 10.0 A
TIS 300: 15.0 A
TIS 500: 15.0 A
TIS 600: 20.0 A
Output Specifications
Output voltage adj. range
12 VDC models: 12 – 14 VDC
24 VDC models: 24 – 28 VDC
48 VDC models: 48 – 52 VDC
72 VDC models: 60 – 76 VDC
Regulation
– Input variation
0.2 %
– Load variation (10–90%)
TIS 50, TIS 75, TIS 150: 1.0 %
TIS 300, TIS 500, TIS 600: 0.3 %
(2.0 % in parallel operation)
Ripple and noise (20MHz bandwidth)
<50 mV pk-pk
Electronic short circuit protection
current limitation at 110 % typ.
(constant current, automatic restart)
Over voltage protection, trigger point at
140 % typ. Vout nom.
Hold-up time
115 VAC
230 VAC
TIS 50 ... TIS 300: min. 25 ms
min. 30 ms
TIS 500: min. 20 ms
min. 40 ms
TIS 600: min. 15 ms
min. 25 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com