Electronic Components Datasheet Search
  English  ▼

X  

TIS Datasheet(PDF) 6 Page - Touchstone Semiconductor Inc

Part # TIS
Description  Industrial Power Supplies
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TIS Datasheet(HTML) 6 Page - Touchstone Semiconductor Inc

Back Button TIS Datasheet HTML 2Page - Touchstone Semiconductor Inc TIS Datasheet HTML 3Page - Touchstone Semiconductor Inc TIS Datasheet HTML 4Page - Touchstone Semiconductor Inc TIS Datasheet HTML 5Page - Touchstone Semiconductor Inc TIS Datasheet HTML 6Page - Touchstone Semiconductor Inc TIS Datasheet HTML 7Page - Touchstone Semiconductor Inc TIS Datasheet HTML 8Page - Touchstone Semiconductor Inc TIS Datasheet HTML 9Page - Touchstone Semiconductor Inc TIS Datasheet HTML 10Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
http://www.tracopower.com
Page 6 of 13
DC-UPS-System
Industrial Power Supplies
TIS Series
50–600 Watt
In addition to the standard power supply function, these models
include a professional battery management system to charge and
monitor an external battery. In the event of a power failure the
battery is switched automatically and without any interruption to
the DC output. Once mains power is available again, the battery
is switched off. The backup time is limited only by battery capacity
and load. Charge current and voltage can be adjusted to values as
required by battery type. Power fail and low battery alarm signals
are available via two independent relay contacts. During normal
operation the battery status is monitored by periodically loading
the battery for a short time. If a cell resistance is high, there is a
relay alarm is available. The battery is fully protected under any
operational conditions. The power supply is short circuit protected
even in battery backup operation but, for safety reasons, the bat-
tery should be fitted with a fast blow fuse. Battery mode can be
activated by interconnecting pin 7 and 8.
Complete external battery packs (3.2 Ah or 7 Ah standard) with lead batteries and circuit breaker are available (see page 8).
Order Code 1)
Input Voltage
Output Power
Output Voltage
Output Current 2)
max.
nom.
max.
TIS 300-124 UDS
115/230 VAC
300 W
24 VDC
12 A
selectable
TIS 600-124 UDS
115/230 VAC
600 W
24 VDC
24 A
selectable
Models
1) Includes terminal plugs, does not include batteries
2) reduce max. output current by battery charging current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com