Electronic Components Datasheet Search
  English  ▼

X  

TIS Datasheet(PDF) 4 Page - Touchstone Semiconductor Inc

Part # TIS
Description  Industrial Power Supplies
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TIS Datasheet(HTML) 4 Page - Touchstone Semiconductor Inc

  TIS Datasheet HTML 1Page - Touchstone Semiconductor Inc TIS Datasheet HTML 2Page - Touchstone Semiconductor Inc TIS Datasheet HTML 3Page - Touchstone Semiconductor Inc TIS Datasheet HTML 4Page - Touchstone Semiconductor Inc TIS Datasheet HTML 5Page - Touchstone Semiconductor Inc TIS Datasheet HTML 6Page - Touchstone Semiconductor Inc TIS Datasheet HTML 7Page - Touchstone Semiconductor Inc TIS Datasheet HTML 8Page - Touchstone Semiconductor Inc TIS Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
http://www.tracopower.com
Page 4 of 13
Power Supplies with Redundancy Function
With this option a parallel operation of up to 5 units is possible. Decoupling diodes and current share lines allow to build true N +1 redun-
dant systems with active current sharing for all units. This function also includes an alarm relay to signal a single unit failure.
This option is available for TIS 150 W, TIS 300 W and TIS 600 W models.
Please note: This option cannot be combined with other options.
Industrial Power Supplies
TIS Series
50–600 Watt
Order Code
Input Voltage
Output Power
Output Voltage
Output Current
(includes terminal plugs)
max.
nom.
max.
TIS 150-124 RED
115/230 VAC
150 W
24 VDC
6.0 A
TIS 150-148 RED
selectable
48 VDC
3.0 A
TIS 300-124 RED
115/230 VAC
300 W
24 VDC
12 A
TIS 300-148 RED
selectable
48 VDC
6.0 A
TIS 600-124 RED
115/230 VAC
600 W
24 VDC
24 A
TIS 600-148 RED
selectable
48 VDC
12 A
Models
I-Sense
Regulator
L
Con1
Pin3
N
Con1
Pin1
AC
Con1
Pin2
DC
Common
Unit
OK
Unit OK
Con3 - Pin1
Bus
Indicator
Con2 - Pin1/2
Con2 - Pin3/4
V-Sense
+Vout
Current
Share-
line
Unit OK
Con3 - Pin4
Con3 - Pin3
Con3 - Pin2
-Vout
Specifications
Rating per relay contact
60 VDC /0.36 A max.
Instruction manual for RED option can be downloaded under:
http://www.tracopower.com/products/tis-red_manual.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com