Electronic Components Datasheet Search
  English  ▼

X  

TIS Datasheet(PDF) 10 Page - Touchstone Semiconductor Inc

Part # TIS
Description  Industrial Power Supplies
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TIS Datasheet(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TIS Datasheet HTML 5Page - Touchstone Semiconductor Inc TIS Datasheet HTML 6Page - Touchstone Semiconductor Inc TIS Datasheet HTML 7Page - Touchstone Semiconductor Inc TIS Datasheet HTML 8Page - Touchstone Semiconductor Inc TIS Datasheet HTML 9Page - Touchstone Semiconductor Inc TIS Datasheet HTML 10Page - Touchstone Semiconductor Inc TIS Datasheet HTML 11Page - Touchstone Semiconductor Inc TIS Datasheet HTML 12Page - Touchstone Semiconductor Inc TIS Datasheet HTML 13Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
http://www.tracopower.com
Page 10 of 13
83 (3.27)
38.5
(1.52)
130 (5.12)
207 (8.15)
5
(0.2)
TIS300-172
Input
115/230
50/60Hz
5,4/3,3 A
N L
72 VDC / 4 A
Output
+ –
Industrial
Power Supply
Model
DC-ON
+ –
83 (3.27)
220 (8.66)
130 (5.12)
46 (1.81)
(0.2)
5
TIS 500-124-230
Input
230 VAC 50/60Hz
5,3 A
N L
24 VDC / 20 A
Output
+ –
Industrial
Power Supply
Model
DC-ON
+ –
Case Dimensions
Industrial Power Supplies
TIS Series
50–600 Watt
TIS 300 models
Weight: 1.4 kg (3.09 lb)
Weight: 1.9 kg (4.19 lb)
TIS 500 models
Dimensions in [mm], () = Inch
Tolerances: ±0.5 (±0.02)
TIS PLUG-3
Connector Set for TIS 300
TIS PLUG-3-RED
Connector Set for TIS 300-1xx RED
TIS PLUG-3-UDS
Connector Set for TIS 300-1xx UDS
TIS PLUG-5
Connector Set for TIS 500
Connectors ( Included in shipment)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com