Electronic Components Datasheet Search
  English  ▼

X  

TIS Datasheet(PDF) 8 Page - Touchstone Semiconductor Inc

Part # TIS
Description  Industrial Power Supplies
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TIS Datasheet(HTML) 8 Page - Touchstone Semiconductor Inc

Back Button TIS Datasheet HTML 4Page - Touchstone Semiconductor Inc TIS Datasheet HTML 5Page - Touchstone Semiconductor Inc TIS Datasheet HTML 6Page - Touchstone Semiconductor Inc TIS Datasheet HTML 7Page - Touchstone Semiconductor Inc TIS Datasheet HTML 8Page - Touchstone Semiconductor Inc TIS Datasheet HTML 9Page - Touchstone Semiconductor Inc TIS Datasheet HTML 10Page - Touchstone Semiconductor Inc TIS Datasheet HTML 11Page - Touchstone Semiconductor Inc TIS Datasheet HTML 12Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
http://www.tracopower.com
Page 8 of 13
Battery-Pack for DC-UPS Systems
The battery pack contains high quality, maintenance free lead-acid batteries with 3.2 Ah or 7.0 Ah capacity. The batteries are fixed to-
gether with a re-settable electronic fuse on a solid mounting frame. Together with power supply models TIS 300-124 UDS or TIS 600-124
UDS the battery pack provides a complete and reliable DC-UPS system.
Backup time depends on load current and battery capacity.
Industrial Power Supplies
TIS Series
50–600 Watt
Order Code
Battery Voltage
Battery Capacity
Permissable Charge
(25 °C, 20 h-rate)
Current max.
TIS 24-32AP
24 VDC
3.2 Ah
1.2 A
TIS 24-70AP
24 VDC
7.0 Ah
2.4 A
Models
Specifications
Max. charge voltage
27 – 27.6 VDC
Temperature coefficient
–36 mV/°C
Temperature range
– at charge operation
–15°C to +50°C
– at load operation
–20°C to +60°C
– Storage
–20°C to +60°C
Average lifetime on standby operation at tA =20°C
4 – 5 years (Limited Warranty on Battery)
Cable length
1.0 m
Cable diameter
TIS 24-32 AP: 2.5 mm2 (AWG 12)
TIS 24-70 AP: 4.0 mm2 (AWG 11)
Weight
TIS 24-32 AP: 2.9 kg (6.4 lb)
TIS 24-70 AP: 4.1 kg (9.1 lb)
Recommended combinations
TIS 24-32 AP: TIS 300-124 UDS
(power supplies)
TIS 24-70 AP: TIS 600-124 UDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com