Electronic Components Datasheet Search
  English  ▼

X  

TIS Datasheet(PDF) 13 Page - Touchstone Semiconductor Inc

Part # TIS
Description  Industrial Power Supplies
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TIS Datasheet(HTML) 13 Page - Touchstone Semiconductor Inc

Back Button TIS Datasheet HTML 5Page - Touchstone Semiconductor Inc TIS Datasheet HTML 6Page - Touchstone Semiconductor Inc TIS Datasheet HTML 7Page - Touchstone Semiconductor Inc TIS Datasheet HTML 8Page - Touchstone Semiconductor Inc TIS Datasheet HTML 9Page - Touchstone Semiconductor Inc TIS Datasheet HTML 10Page - Touchstone Semiconductor Inc TIS Datasheet HTML 11Page - Touchstone Semiconductor Inc TIS Datasheet HTML 12Page - Touchstone Semiconductor Inc TIS Datasheet HTML 13Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Page 13 of 13
Outline Dimensions mm (inches)
Specifications can be changed without notice! Make sure you are using the latest documentation, downloadable at www.tracopower.com
www.tracopower.com
Industrial Power Supplies
TIS Series
50–600 Watt
TIS 24-32AP
Weight (incl. batteries):
TIS 24-32AP
2.9 kg (6.4 lb)
TIS 24-70AP
4.1 kg (9.1 lb)
TIS 24-70AP
A
B
A
B
204 (8.03)
184 (7.24)
Detail B
Detail A
14
(0.55)
7
(0.28)
7
(0.28)
B
A
272 (10.71)
252 (9.92)
B
A
Rev. May 17. 2013
Dimensions in [mm], () = Inch
Tolerances: ±0.5 (±0.02)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com