Electronic Components Datasheet Search
  English  ▼

X  

TIS Datasheet(PDF) 7 Page - Touchstone Semiconductor Inc

Part # TIS
Description  Industrial Power Supplies
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TIS Datasheet(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TIS Datasheet HTML 3Page - Touchstone Semiconductor Inc TIS Datasheet HTML 4Page - Touchstone Semiconductor Inc TIS Datasheet HTML 5Page - Touchstone Semiconductor Inc TIS Datasheet HTML 6Page - Touchstone Semiconductor Inc TIS Datasheet HTML 7Page - Touchstone Semiconductor Inc TIS Datasheet HTML 8Page - Touchstone Semiconductor Inc TIS Datasheet HTML 9Page - Touchstone Semiconductor Inc TIS Datasheet HTML 10Page - Touchstone Semiconductor Inc TIS Datasheet HTML 11Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
http://www.tracopower.com
Page 7 of 13
DC-UPS-System
Industrial Power Supplies
TIS Series
50–600 Watt
Con4
Pin7
L
Con1
Pin1
Con4
Pin8
N
Con1
Pin2
Battery -
Battery +
Con1
Pin3
Con3 - Pin1
Con3 - Pin2
AC
DC
Mains
Fail
Detection
Battery
Test
Battery OK
Battery Low / failure
Common
Low Battery
Con4 - Pin4
AC-Powerfail
Con4 - Pin6
Con4 - Pin5
Battery Switch
Logic
I
Battery Charger
V
+Vout
Con2 - Pin3/4
-Vout
Common
AC-Power OK
AC-Powerfail
Con4 - Pin3
Con4 - Pin2
Con4 - Pin1
Con2 - Pin1/2
Output
OK
VBat>18V
Bat ON/OFF
Mains Fail
(Relay B)
(Relay A)
Specifications
Charging current (factory set)
TIS 300-124 UDS: 1.2 A
TIS 600-124 UDS: 2.4 A
Adjustment range of charging current
TIS 300-124 UDS: 0.15 – 1.5 A
TIS 600-124 UDS: 0.25 – 2.5 A
Holding current for charged battery at voltage 27.3 VDC
<50 mA
Overload or short circuit during battery operation
system switches off
AC-Powerfail signal
Vin <93 or <187 VAC relay A closed
(pin 2 – pin 3)
Low battery signal
– Battery voltage below 22 V
relay B closed (pin 5 – pin 6)
– Raiting per relay contact
60 VDC /0.36 A max.
During battery charge operation output current reduction by 1.4 x battery charge current
Instruction manual for UDS option can be downloaded under:
http://www.tracopower.com/products/tis-uds_manual.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com