Electronic Components Datasheet Search
  English  ▼

X  

ML7005 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ML7005
Description  DTMF Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7005 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ML7005 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
FEDL7005-01
ML7005
11/25
AC Characteristics 5 DTMF Receiver
(VDD=+2.7 to +5.5 V, Ta=-30 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
VDETDT1
2.7V
 VDD  5.5V
-42
—
-10
DTMF Detect
Amplitude
VDETDT2
4.5V
 VDD  5.5V
-42
—
0
DTMF Non-detect
Amplitude ル
VREJFX
Per Frequency at DTRIO
—
—
-60
dBm
Detect Frequency
fDETDT
-1.8
—
+1.8
+3.8
—
—
Non-detect
Frequency
fREJDT
To Nominal Frequency
—
—
-3.8
%
Level Twist
VTWIST
VHigh Group - VLow Group
-6.0
—
+6.0
dB
Noise to Signal
Ratio
VNIS
N/S(N:0.3 to 3.4kHz)
—
-12
—
dB
Dial Tone Rejection
Ratio
VREJDT
360 to 440Hz
—
45
—
dB
tCYCDT0
DTTIM="1"
60
—
—
Signal Repetition
Time
tCYCDT1
DTTIM="0"
90
—
—
tDETDT0
DTTIM="1"
35
—
—
Time to Detect
tDETDT1
Detect
DTTIM="0"
49
—
—
tREJDT0
DTTIM="1"
—
—
10
Time to Reject
tREJDT1
Non-detect
DTTIM="0"
—
—
24
tPOSDT0
DTTIM="1"
21
—
—
Interdigit Pause
Time
tPOSDT1
*1
DTTIM="0"
30
—
—
tBRKDT10
DTTIM="1"
—
—
0.4
tBRKDT11
SPB="1"
(Before output)
DTTIM="0"
—
—
0.4
tBRKDT20
DTTIM="1"
—
—
3
Acceptable Drop
Out Time
tBRKDT21
SPB="0"
(During output)
DTTIM="0"
—
—
10
tDELDT0
DTTIM="1"
12
26
37
Detect Delay Time
tDELDT1
DTTIM="0"
24
41
49
tHOLDT0
DTTIM="1"
15
20
27
Detect Hold Time
tHOLDT1
DTTIM="0"
24
28
35
SPB Delay Time
tSP
DTTIM="1", "0"
0.2
0.6
1.0
ms
*1 See the figure 3 for timing.
The input level includes the entire range indicated in VDETDT1 and VDETDT2.
The input frequency includes the entire range indicated in fDETDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com