Electronic Components Datasheet Search
  English  ▼

X  

ML7005 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ML7005
Description  DTMF Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7005 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ML7005 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
FEDL7005-01
ML7005
16/25
DTMFT and DTMFR Registers
16 kinds of DTMF transmit signals can be determined by setting the DTMFT register.
16 kinds of DTMF receive signals can be monitored from the DTMFR register.
The table 3 shows the DTMF signal codes.
Even if the DTMF transmit code is changed while the DTMF signal is being transmitted (MFC="1"), the output
frequency is not changed.
Table 3 DTMF Signal Code List
DTT3
DTR3
DTT2
DTR2
DTT1
DTR1
DTT0
DTR0
DIGIT
Low group
signal (Hz)
High group
signal (Hz)
0
0
0
1
1
697
1209
0
0
1
0
2
697
1336
0
0
1
1
3
697
1477
0
1
0
0
4
770
1209
0
1
0
1
5
770
1336
0
1
1
0
6
770
1477
0
1
1
1
7
852
1209
1
0
0
0
8
852
1336
1
0
0
1
9
852
1477
1
0
1
0
0
941
1336
1
0
1
1
*
941
1209
1
1
0
0
#
941
1477
1
1
0
1
A
697
1633
1
1
1
0
B
770
1633
1
1
1
1
C
852
1633
0
0
0
0
D
941
1633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com