Electronic Components Datasheet Search
  English  ▼

X  

ML7005 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ML7005
Description  DTMF Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7005 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML7005 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
FEDL7005-01
ML7005
9/25
AC Characteristics 2 Call Progress Tone (CPT) Generator
(VDD=+2.7 to +5.5 V, Ta=-30 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Tone Transmit Amplitude
VCPT
—
-4
-2.5
-1
dBm
Output Frequency
fCPT
—
380
400
420
Hz
Total Harmonic Distortion
THDCPT
Harmonics - Fundamental
—
-39
-23
dB
AC Characteristics 3 Call Progress Tone (CPT) Detector
(VDD=+2.7 to +5.5 V, Ta=-30 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
2.7V
 VDD  5.5V
-46
—
-6
CPT Detect
Amplitude
VDETCP
4.5V
 VDD  5.5V
-46
—
0
CPT Non-detect
Amplitude
VREJCP
fin= 350 to 450 Hz at CPDIO
—
—
-60
dBm
Time to Detect
tDETCP
Detect
30
—
—
Time to Reject
tREJCP
See Figure 1.
Non-detect
—
—
10
ms
CPT Detect Delay
Time
tDELCP
10
18
30
CPT Detect Hold
Time
tHOLCP
10
18
30
ms
CPT Detect
Frequency
fDETCP
—
350
—
450
Hz
530
—
—
CPT Non-detect
Frequency
fRETCP
—
—
—
290
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com