Electronic Components Datasheet Search
  English  ▼

X  

ML7005 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ML7005
Description  DTMF Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7005 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ML7005 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
FEDL7005-01
ML7005
12/25
tDETDT : Time to Detect
When Time to Detect is the specified value of tDETDT or more, the DTMF signal is normally received.
tREJDT : Time to Reject
When Time to Reject is the specified value of tREJDT or less,
the input signal is ignored and the SPB and DTMF receive data are not output.
tPOSDT : Interdigit Pause
When there is no input signal for the period of tPOSDT or more, the DTMF receive data
and SPB are reset.
Even if the receive data is changed, when Interdigit Pause Time is the value of tPOSDT
or less (including the change without Drop Out), SPB remains at "0"
and the DTMF receive data may maintain its initial value.
tBRKDT1 : Acceptable Drop Out Time 1
Acceptable Drop Out Time 1 is applied between when the input signal comes
and when SPB becomes "0".
Even if there is no input signal for the period of tBRKDT1 or less,
the SPB and DTMF receive data are normally output.
tBRKDT2 : Acceptable Drop Out Time 2
Acceptable Drop Out Time 2 is applied when SPB is "0" (when receive data is output).
Even if there is no input signal during signal reception for the period of tBRKDT2 or less,
SPB and DTMF receive data are not reset.
tCYCDT : Signal Repetition Time
Signal Repetition Time should be the specified value
of tCYCDT or more so that a signal is normally received.
tDELDT : Detect Delay Time
The DTMF receive data is output with a delay of the specified value
of tDELDT after the input signal appears.
tHOLDT : Detect Hold Time
The SPB and DTMF receive data outputs stop with a delay of the specified value
of tHOLDT after the input signal disappears.
tSP : SPB Delay Time
The SPB data is output with a delay of the specified value
of tSP after the DTMF receive data is output.
The DTMF receive data should be latched after detecting the fall of SPB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com