Electronic Components Datasheet Search
  English  ▼

X  

ML7005 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ML7005
Description  DTMF Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7005 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ML7005 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
FEDL7005-01
ML7005
14/25
Processor Interface Characteristics (Motorola Processor Mode)
(VDD=+2.7 to +5.5 V, Ta=-30 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
READB Signal Period
tCYC
—
1
—
—
s
tHI
"H" period
200
—
—
READB Signal Pulse
Width
tLO
"L" period
200
—
—
SETUP Time
tAS
ALE→READB
80
—
—
ALE
HOLD Time
tAH
READB→ALE
20
—
—
SETUP Time
tCS
CSB→READB
80
—
—
CSB
HOLD Time
tCH
READB→CSB
20
—
—
SETUP Time
tWRS
WRB→READB
80
—
—
WRB
HOLD Time
tWRH
READB→WRB
20
—
—
SETUP Time
tDWS
D3 to D0→READB
80
—
—
D3.to D0
(Write)
HOLD Time
tDWH
READB→D3 to D0
30
—
—
Delay Time
tDRD
READB→D3 to D0
VOL
 0.4 V,
VOH
 VDD – 0.4 V
0
90
180
D3 to D0
(Read)
Hold Time
tDRH
See
Figure 5
D3 to D0→READB
5
37
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com