Electronic Components Datasheet Search
  English  ▼

X  

ML7005 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ML7005
Description  DTMF Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7005 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ML7005 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 25Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 26Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
FEDL7005-01
ML7005
22/25
Register Settings for Each Mode
An example of register settings for each mode is shown below.
Table 4 Register Setting
Address in
Intel
processor
mode
Motorola
processor
mode
Mode
Description
D1
D0
ALE
WRB
D3 D2 D1 D0
Active
register
(1) Wait until power
supply is stabilized
—
—
—
—
—
—
—
—
—
(2) PD pin = "1"
(internal circuit is reset)
—
—
—
—
—
—
—
—
—
(3) Wait 200
s or more
—
—
—
—
—
—
—
—
—
(4) PD pin = "0"
—
—
—
—
—
—
—
—
—
Power
ON
(5) CR setting
1
0
1
0
X
X
X
X
CR
(1) Detect timing setting
1
0
1
0
0
1
0
0
CR
(2) STR monitoring
(when not detected)
1
1
1
1
1
0
0
0
STR
(3) STR monitoring
(when detected)
1
1
1
1
0
0
0
1
STR
(4) DTMF receive data
reading
0
1
0
1
X
X
X
X
DTMFR
(5) STR monitoring
(when detected and
after reading STR)
1
1
1
1
0
0
0
0
STR
DTMF
Detect
(High
Speed)
(6) STR monitoring
(after making the input
signal OFF)
1
1
1
1
1
0
0
0
STR
(1) CPT detect enable
setting
1
0
1
0
0
0
1
0
CR
(2) STR monitoring
(when not detected)
1
1
1
1
1
0
0
0
STR
(3) STR monitoring
(when detected)
1
1
1
1
1
0
1
1
STR
CPT
Detect
(4) STR monitoring
(when detected and
after reading STR)
1
1
1
1
1
0
1
0
STR
(1) DTMF transmit data
setting
0
0
0
0
X
X
X
X
DTMFT
(2) DTMF transmit ON
1
0
1
0
0
0
0
1
CR
(3) Wait transmit ON time
—
—
—
—
—
—
—
—
—
(4) DTMF transmit OFF
1
0
1
0
0
0
0
0
CR
(5) Wait transmit OFF time
—
—
—
—
—
—
—
—
—
DTMF
Transmit
(6) To transmit next data,
return to (1)
—
—
—
—
—
—
—
—
—
(1) CPT transmit ON
1
0
1
0
1
0
0
0
CR
(2) Wait transmit ON time
—
—
—
—
—
—
—
—
—
CPT
Transmit
(3) CPT transmit OFF
1
0
1
0
0
0
0
0
CR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com