Electronic Components Datasheet Search
  English  ▼

X  

ML9472 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ML9472
Description  Static,1/2Duty 60 Output LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9472 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ML9472 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
FEDL9472-02
LAPIS Semiconductor
ML9472
2/18
BLOCK DIAGRAM
60-Dot Segment Driver
60-Bit Latch (A)
60-Bit Latch (B)
60
LOAD
60
60
OSC
60-Stage Shift Register (A)
60-Stage Shift Register (B)
SYNC Circuit
1/4 or 1/8
DATA_IN
CLOCK
60
D/S
OSC_OUT
OSC_OUT
OSC_IN
EXT/INT
1/2
SYNC
VDD
GND
SEG_TEST
BLANK
60-Ch Data Selector
Common
Driver
SEG1
SEG60
DATA_OUT2
DATA_OUT1
VLC1
VLC2
COM_A
COM_B
COM_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com