Electronic Components Datasheet Search
  English  ▼

X  

ML9472 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ML9472
Description  Static,1/2Duty 60 Output LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9472 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ML9472 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
FEDL9472-02
LAPIS Semiconductor
ML9472
6/18
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage
VDD
Ta = 25
C
0.3 to 6.5
V
Input Voltage
VI
Ta = 25
C
0.3 to VDD0.3
V
Storage Temperature
TSTG
—
55 to 150
C
Power Dissipation
PD
Ta
 105C
650
mW
IO1
Driver Outputs
2.0 to 2.0
mA
Output Current
IO2
Logic Outputs
2.0 to 2.0
mA
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
Supply Voltage
VDD
—
3 to 5.5
V
LCD Driving Voltage
VLCD
VDD - VLC2
3 to VDD
V
CLOCK Frequency
fCP
—
0.3 to 4
MHz
Operating Temperature
Ta
—
40 to 105
C
OSCILLATOR CIRCUIT
Parameter
Symbol
Applicable pin
Condition
Min.
Typ.
Max.
Unit
Oscillator Resistance
R0
OSC_OUT
—
56
100
220
k
Oscillator Capacitance
C0
OSC_OUT
Film
capacitor
0.001
—
0.047
F
Current Limiting Resistance
R1
OSC_IN
R1  10R0
560
1000
2220
k
Common Signal Frequency
fCOM
COM_A
COM_B
—
25
—
150
Hz
Note: See Section, “Reference Data”, for the resistor and capacitor values in the table.
Example of an oscillator circuit:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com