| Electronic Components Datasheet Search |
|
ML9472 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML9472 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 18 page ![]() FEDL9472-02 LAPIS Semiconductor ML9472 4/18 PIN DESCRIPTION Symbol Type Description OSC_IN OSC_OUT OSC_OUT I O O Pins for oscillation. The oscillator circuit is configured by externally connecting two resistors and a capacitor. Make the wiring length as short as possible, because the resistor connected to the OSC_IN pin has a higher value and the circuit is susceptible to external noise. DATA_IN I Serial data input pin. The display goes on when input data is at a “H” level, and it goes off when input data is at a “L” level. CLOCK I Shift clock input pin. Data from the DATA pin is transferred in synchronization with the rising edge of the shift clock. LOAD I Load signal input pin. Serially input data is transferred to the 60-bit latch at a “H” level of this load signal, then held at a “L” level. BLANK l Input pin that turns off all segments. The entire display goes off when a “L” level is applied to this pin. The display returns to the previous state when a “H” level is applied. When SEG_TEST pin is at a “H” level, the input on this pin is disabled. SEG_TEST l Input pin is used to test the segment outputs (SEG1 to SEG60). All displays are turned on when “H” is applied to this pin. The display returns to the previous state when a “L” level is applied. When this pin is at a “H” level, the input on the BLANK pin is disabled. D/S l When “H” is applied to this pin, the ML9472 operates in the 1/2 duty dynamic display mode. When this pin is set at a “L” level, the ML9472 operates in the static display mode. EXT/INT I When the external common signal is used, fix this pin at a “H” level and input the external common signal from the OSC_IN pin. The input common signal is used as the internal common signal and is output from the COM_OUT pin through the buffer. When the built-in common signal generator is used, fix this pin at a “L” level. When the ML9472 is used as an output expander, fix this pin at a “H” level and the OSC_IN pin at a “L” level. The output logic can be reversed with respect to the input data by setting OSC_IN to a “H” level. SYNC I/O This pin is an input/output pin which is used when two or more ML9472s are connected in series (cascade connection) in the 1/2 duty dynamic display mode. All of the involved ML9472’s SYNC pins should be connected by the common line and they should be pulled up with a common resistor, which makes a phase level of all involved ML9472’s COM_A and COM_B pins equal. When a single ML9472 is used in the dynamic display mode, SYNC should be pulled up with a resistor. Connect this pin to GND if any of the following conditions is true: - The ML9472 is operated in the static display mode. - The ML9472 is used as an output expander. DATA_OUT1 O The 60 th stage data of the shift register is output from this pin. When two or more ML9472s are connected in series (cascade connection) in the static display mode, this pin should be connected to the next ML9472’s DATA_IN Pin. DATA_OUT2 O The 120 th stage data of the shift register is output from this pin. When two or more ML9472s are connected in series (cascade connection) in the 1/2 duty dynamic display mode, this pin should be connected to the next ML9472’s DATA_IN pin. COM_OUT O When tow or more ML9472s are connected in series (cascade connection), this pin should be connected with all of the slave ML9472’s OSC_IN pins. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |