Electronic Components Datasheet Search
  English  ▼

X  

ML9472 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML9472
Description  Static,1/2Duty 60 Output LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9472 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML9472 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9472 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Semiconductor
FEDL9472-02
Issue Date: Feb. 1, 2008
ML9472
Static,1/2Duty 60 Output LCD Driver
1/18
GENERAL DESCRIPTION
The ML9472 is a LCD driver which can directly drive up to 60 segments in the static display mode and up to 120
segments in the 1/2 duty dynamic display mode.
FEATURES
• Operating range
Supply voltage
: 3.0 to 5.5 V
Operating temperature range
:
40 to  105C
• Segment output
Static display mode
: Up to 60 segments can be displayed.
1/2 duty
: Up to 120 segments can be displayed.
• Simple interface with microcomputer
• Built-in common signal generator
• One-to-one correspondence between input data and output data
When input data is at “H” level
: Display goes on.
When input data is at “L” level
: Display goes off.
• Test pin for all-on (SEG_TEST) and all-off (
BLANK)
• Can be cascade-connected
• Can be synchronized with the external common signal
• Applicable as an output expander
• Package
80-pin plastic TQFP (TQFP80-P-1212-0.50-K) (Product name: ML9472TB)


Similar Part No. - ML9472

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9470-11 ETC2-ML9470-11 Datasheet
542Kb / 21P
Static,1/2Duty 80 Output LCD Driver
ML9470-12 ETC2-ML9470-12 Datasheet
542Kb / 21P
Static,1/2Duty 80 Output LCD Driver
ML9471 ETC2-ML9471 Datasheet
558Kb / 20P
1/3, 1/4, 1/5 Duty 80 Output LCD Driver
logo
LAPIS Semiconductor Co....
ML9471 LAPIS-ML9471 Datasheet
412Kb / 20P
1/3, 1/4, 1/5 Duty 80 Output LCD Driver
logo
List of Unclassifed Man...
ML9473 ETC2-ML9473 Datasheet
407Kb / 20P
1/3, 1/4, 1/5 Duty 60 Output LCD Driver
More results

Similar Description - ML9472

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9060 OKI-ML9060 Datasheet
156Kb / 18P
1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER
MSM5219B OKI-MSM5219B Datasheet
130Kb / 7P
48-DIT STATIC LCD DRIVER
MSM5221 OKI-MSM5221 Datasheet
99Kb / 6P
56-DOT STATIC LCD DRIVER
MSM58292B OKI-MSM58292B Datasheet
243Kb / 11P
5-DIGIT STATIC LCD DRIVER
logo
EM Microelectronic - MA...
V6108 EMMICRO-V6108 Datasheet
1Mb / 8P
40 Segment Static LCD Driver
logo
New Japan Radio
NJU6541A NJRC-NJU6541A Datasheet
398Kb / 41P
Static 1/2 1/3 1/4 Duty LCD Driver
logo
List of Unclassifed Man...
ML9470-11 ETC2-ML9470-11 Datasheet
542Kb / 21P
Static,1/2Duty 80 Output LCD Driver
ML9473 ETC2-ML9473 Datasheet
407Kb / 20P
1/3, 1/4, 1/5 Duty 60 Output LCD Driver
FEDL9472-02 ETC2-FEDL9472-02 Datasheet
313Kb / 18P
Static,1/2Duty 60 Output LCD Driver
FEDL9473-01 ETC2-FEDL9473-01 Datasheet
196Kb / 20P
Duty 60 Output LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com